Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RZ/G2M Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # RZ/G2M
Description  RZ/G Series, 2nd Generation
PDF  169 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RZ/G2M Datasheet(HTML) 3 Page - Renesas Technology Corp

  RZ/G2M Datasheet HTML 1Page - Renesas Technology Corp RZ/G2M Datasheet HTML 2Page - Renesas Technology Corp RZ/G2M Datasheet HTML 3Page - Renesas Technology Corp RZ/G2M Datasheet HTML 4Page - Renesas Technology Corp RZ/G2M Datasheet HTML 5Page - Renesas Technology Corp RZ/G2M Datasheet HTML 6Page - Renesas Technology Corp RZ/G2M Datasheet HTML 7Page - Renesas Technology Corp RZ/G2M Datasheet HTML 8Page - Renesas Technology Corp RZ/G2M Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 169 page
background image
RZ/G Series, 2nd Generation Datasheet
Section 1 Overview
R01DS0483EJ0101 Rev.1.01
Page 3 of 169
Jun 30, 2025
1.1.2
CPU Core Peripherals
Item
Description
Clock Pulse Generator (CPG)
(For All Products)
• Generates the clocks from external clock (EXTAL).
RZ/G2H RZ/G2M V1.3 RZ/G2M V3.0 RZ/G2N
— Maximum Cortex-A57 clock: 1.5 GHz
RZ/G2H RZ/G2M V1.3 RZ/G2M V3.0 RZ/G2E
⎯ Maximum Cortex-A53 clock: 1.2 GHz
RZ/G2H RZ/G2M V1.3 RZ/G2M V3.0 RZ/G2N RZ/G2E
⎯ Maximum 3DGE clock: 600 MHz
RZ/G2H RZ/G2M V1.3 RZ/G2M V3.0 RZ/G2N
⎯ Maximum AXI-bus clock: 400 MHz
⎯ Maximum SDRAM bus clock: 1600 MHz (LPDDR4-3200)
⎯ Maximum media clock: 400 MHz
RZ/G2E
⎯ Maximum AXI-bus clock: 266 MHz
⎯ Maximum SDRAM bus clock: 928 MHz (DDR3L-1856)
⎯ Maximum media clock: 266 MHz
RZ/G2H RZ/G2M V1.3 RZ/G2M V3.0 RZ/G2N RZ/G2E
• System-CPU shut down mode control supported
• Module-standby mode supported
• Includes module reset registers to control reset operation of individual on-chip
peripheral modules
System Controller (SYSC)
(For All Products)
• Shuts down and restores power to target modules
Target modules:
RZ/G2H
— Cortex-A57 (with independent shutting down of CPUs 0, 1, 2, 3, and SCU+L2
cache) *
RZ/G2M V1.3 RZ/G2M V3.0 RZ/G2N
— Cortex-A57 (with independent shutting down of CPUs 0, 1 and SCU+L2 cache) *
RZ/G2H RZ/G2M V1.3 RZ/G2M V3.0
— Cortex-A53 (with independent shutting down of CPUs 0, 1, 2, 3, and SCU+L2
cache) *
— 3DGE
— VCP
RZ/G2E
— Cortex-A53 (with independent shutting down of CPUs 0, 1 and SCU+L2 cache) *
*: SCU and L2 cache are treated as one power-domain. When CPU is working,
SCU+L2 cache cannot be powered off.
• Low leakage standby mode supported
RESET
(For All Products)
• Includes one reset-signal external output port for external modules
• Includes Boot Address Register, etc.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com