Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RZ/G2M Datasheet(PDF) 17 Page - Renesas Technology Corp

Part # RZ/G2M
Description  RZ/G Series, 2nd Generation
PDF  169 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RZ/G2M Datasheet(HTML) 17 Page - Renesas Technology Corp

Back Button RZ/G2M Datasheet HTML 13Page - Renesas Technology Corp RZ/G2M Datasheet HTML 14Page - Renesas Technology Corp RZ/G2M Datasheet HTML 15Page - Renesas Technology Corp RZ/G2M Datasheet HTML 16Page - Renesas Technology Corp RZ/G2M Datasheet HTML 17Page - Renesas Technology Corp RZ/G2M Datasheet HTML 18Page - Renesas Technology Corp RZ/G2M Datasheet HTML 19Page - Renesas Technology Corp RZ/G2M Datasheet HTML 20Page - Renesas Technology Corp RZ/G2M Datasheet HTML 21Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 169 page
background image
RZ/G Series, 2nd Generation Datasheet
Section 1 Overview
R01DS0483EJ0101 Rev.1.01
Page 17 of 169
Jun 30, 2025
Item
Description
Video Codec Processor
(VCP4)
(For All Products)
The VCP4 is a multi-codec module which provides encoding and decoding capabilities
on the basis of multiple video coding schemes, e.g., H.265/HEVC, H.264/AVC.
This IP (Intellectual Property) is a multi codec that processes the frame or each field by
controlling software for VCP4 executed on host CPU.
• The VCP4 has the following features: Support for multiple codecs
H.265/HEVC MP (Main Profile) decoding
H.264/MPEG-4 AVC HP (High Profile) and MVC SHP (Stereo High Profile) encoding
and decoding
• Support for up to 4K resolutions (H.265 and H.264)
Multiple channel processing:
RZ/G2H RZ/G2M V1.3 RZ/G2M V3.0 RZ/G2N
When iVDP1C is used:
(H.264/H.265 1920 × 1080p × 120 fps)
When iVDP1C is not used:
(H.265 1920 × 1080p × 120 fps) + (H.264 1920 × 1080p × 120 fps)
RZ/G2E
When iVDP1C is not used:
(H.264/H.265 1920 × 1080p × 60 fps)
When iVDP1C is used:
(H.264/H.265 1920 × 1080p × 30 fps)
RZ/G2H RZ/G2M V1.3 RZ/G2M V3.0 RZ/G2N RZ/G2E
Note:
“1920 × 1080p × 120 fps” can be replaced as “3840 × 2160p × 30 fps”.
“1920 × 1080p × 60 fps” can be replaced as “1280 × 720p × 120 fps”.
“1920 × 1080p × 30 fps” can be replaced as “1280 × 720p × 60 fps”.
Maximum performance will change with securable bus bandwidth.
RZ/G2H RZ/G2M V1.3 RZ/G2M V3.0 RZ/G2N RZ/G2E
• Data handling on a picture-by-picture basis
Encodes/decodes data one picture (frame or field) at a time.
• High picture quality
Supports the H.264 high-efficiency coding tools (CABAC, 8 × 8 frequency
conversion, and quantization matrix).
High-efficiency motion vector detection by a combination of discrete search and
trace search
Optimal-mode selection by Rate-Distortion (RD) cost evaluation
Picture quality control based on activity analysis results which match visual models
• Low power dissipation
Dynamically disables the clocks for the entire VCP4.
Dynamically disables the clocks for individual submodules.
• Includes its own reference data cache
• Lossless image compression for reference picture is supported
Use the software from Renesas to handle VCP4 functions.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com