Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RZ/G2M Datasheet(PDF) 33 Page - Renesas Technology Corp

Part # RZ/G2M
Description  RZ/G Series, 2nd Generation
PDF  169 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RZ/G2M Datasheet(HTML) 33 Page - Renesas Technology Corp

Back Button RZ/G2M Datasheet HTML 29Page - Renesas Technology Corp RZ/G2M Datasheet HTML 30Page - Renesas Technology Corp RZ/G2M Datasheet HTML 31Page - Renesas Technology Corp RZ/G2M Datasheet HTML 32Page - Renesas Technology Corp RZ/G2M Datasheet HTML 33Page - Renesas Technology Corp RZ/G2M Datasheet HTML 34Page - Renesas Technology Corp RZ/G2M Datasheet HTML 35Page - Renesas Technology Corp RZ/G2M Datasheet HTML 36Page - Renesas Technology Corp RZ/G2M Datasheet HTML 37Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 169 page
background image
RZ/G Series, 2nd Generation Datasheet
Section 3. Electrical Characteristics
R01DS0483EJ0101 Rev.1.01
Page 33 of 169
Jun 30, 2025
Section 3
Electrical Characteristics
3.1 Absolute Maximum Ratings
Table 3.1.1
Absolute Maximum Ratings for [RZ/G2H] [RZ/G2M V1.3] [RZ/G2M V3.0] [RZ/G2N]
Item
Value
Unit
Remarks
Power supply voltage (3.3 V)
(VDDQ33, VDDQVA_SDn (n = 0 to 3)
(except during operation through SDHI
(SDR50, SDR104)),
VDD33_SATA, VDD33_PCIEn (n = 0, 1),
VDDQ33_USB3HSHn (n = 0, 1),
VDDQ33_USB3HSn (n = 0, 1),
VDD33_USB3n (n = 0, 1),
VDDQ33_USB2Hn (n = 0, 1, 2),
VDDQ33_USB2)
-0.3 to +3.84
V
―
Power supply voltage (2.5 V)
(VDDQ25_ETH)
-0.3 to +2.9
V
―
Power supply voltage (1.8 V)
(VDDQ18, VDD18_CPGPLLn (n = 0 to 4),
VDDQ18_HDMIn (n = 0, 1),
VDDQ18_LVDS,
VDD18_LVDSPLL1,
VDDQ18_CSIn (n = 0 to 3), VDDQ18_ISO,
VDD18_MLBPLL, VDDQ_MDPLLn (n = 0, 1),
VDD18_DUPLLn (n = 0, 1), AVDD_USB,
VDDQVA_SDn (n = 0 to 3) (SDR50, SDR104))
-0.3 to +2.34
V
―
Power supply voltage (1.1 V)
(VDDQVA_DDRn (n = 0, 1))
-0.3 to +1.5
V
LPDDR4
Power supply voltage (0.9 V)
(VDD09_DDRPLLn (n = 0, 1),
VDD09_SATA,
VDD09_PCIEn (n = 0, 1),
VDD09_USB3n (n = 0, 1),
VDD09_USB3HSn (n = 0, 1),
VDD09_USB2n (n = 0, 1 ,2),
VDDQ09_HDMIn (n = 0, 1),
VDDQ09_LVDS,
VDD09_CSIn (n = 0 to 3))
VDD09_LVDSPLL2
-0.3 to + 1.12
V
―
Power supply voltage (0.9 V) (VDD)
-0.3 to + 1.12
V
―
Power supply voltage (0.9 V) (VDD_DVFS)
-0.3 to + 1.12
V
―
Input voltage (3.3-V I/O)
-0.3 to VDDQ33 + 0.3
V
*1
Input voltage (3.3-V I/O [SDHI])
-0.3 to VDDQVA_SDn + 0.3
V
*1
Input voltage (3.3-V I/O [SATA])
-0.3 to VDD33_SATA + 0.3
V
*1
Input voltage (3.3-V I/O [PCIE])
-0.3 to VDD33_PCIEn + 0.3
V
*1
Input voltage (3.3-V I/O [USB3])
-0.3 to VDD33_USB3n + 0.3
V
*1
Input voltage (3.3-V I/O [USB3HSH])
-0.3 to VDD33_USB3HSHn + 0.3
V
*1
RZ/G2H
RZ/G2M V1.3
RZ/G2N
RZ/G2E
RZ/G2M V3.0
V3.0.3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com