Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RZ/G2M Datasheet(PDF) 50 Page - Renesas Technology Corp

Part # RZ/G2M
Description  RZ/G Series, 2nd Generation
PDF  169 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RZ/G2M Datasheet(HTML) 50 Page - Renesas Technology Corp

Back Button RZ/G2M Datasheet HTML 46Page - Renesas Technology Corp RZ/G2M Datasheet HTML 47Page - Renesas Technology Corp RZ/G2M Datasheet HTML 48Page - Renesas Technology Corp RZ/G2M Datasheet HTML 49Page - Renesas Technology Corp RZ/G2M Datasheet HTML 50Page - Renesas Technology Corp RZ/G2M Datasheet HTML 51Page - Renesas Technology Corp RZ/G2M Datasheet HTML 52Page - Renesas Technology Corp RZ/G2M Datasheet HTML 53Page - Renesas Technology Corp RZ/G2M Datasheet HTML 54Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 169 page
background image
RZ/G Series, 2nd Generation Datasheet
Section 3. Electrical Characteristics
R01DS0483EJ0101 Rev.1.01
Page 50 of 169
Jun 30, 2025
3.4 DC Characteristics
Table 3.4.1
Supply Current for LSI
Item
Symbol
Power
Unit
Remarks
Min.
Typ. Max.
Supply current (Internal)
IDD
—
—
8700
6846.0
6908.0
3554.9
mA
mA
mA
mA
VDD = 0.88 V [RZ/G2H]
VDD = 0.88 V [RZ/G2M V1.3]
VDD = 0.88 V [RZ/G2M V3.0]
VDD = 0.88 V [RZ/G2N]
Condition:
Cortex-A53: Dhrystone-MAX,
Supply current (Internal)
IDD_DVFS
—
—
12000
7632.9
8351.0
5554.6
mA
mA
mA
mA
VDD_DVFS = 0.88 V [RZ/G2H]
VDD_DVFS = 0.88 V [RZ/G2M V1.3]
VDD_DVFS = 0.88 V [RZ/G2M V3.0]
VDD_DVFS = 0.88 V [RZ/G2N]
Condition:
Cortex-A57: Dhrystone-MAX,
GPU: Polygon fill-MAX
Supply current (3.3-V I/O)
IDDQ33
—
—
94
mA
VDDQ33 = 3.5 V [RZ/G2H], [RZ/G2M
V1.3], [RZ/G2N]
Supply current
(3.3-V I/O [SDHI])
IDDQVA_SDn
(n = 0 to 3)
—
—
31
mA
VDDQVA_SDn = 3.5 V (n = 0 to 3)
[RZ/G2H], [RZ/G2M V1.3], [RZ/G2N]
Supply current
(3.3-V I/O [SATA])
IDD33_SATA
—
—
57.6
mA
VDD33_SATA = 3.5 V [RZ/G2H],
[RZ/G2N]
Supply current
(3.3-V I/O [PCIE])
IDD33_PCIEn
(n = 0, 1)
—
—
57.6
mA
VDD33_PCIEn = 3.5 V (n = 0, 1)
[RZ/G2H], [RZ/G2M V1.3], [RZ/G2N]
Supply current
(3.3-V I/O [USB3HSH])
IDDQ33_USB3
HSHn (n = 0)
—
—
72
mA
VDDQ33_USB3HSHn = 3.5V
(n = 0) [RZ/G2H], [RZ/G2M V1.3],
[RZ/G2N]
Supply current
(3.3-V I/O [USB3HS])
IDDQ33_USB3
HSn (n = 0)
—
—
72
mA
VDDQ33_USB3HSn = 3.5 V
(n = 0) [RZ/G2H], [RZ/G2M V1.3],
[RZ/G2N]
Supply current
(3.3-V I/O [USB3])
IDD33_USB3n
(n = 0)
—
—
57.6
mA
VDD33_USB3n = 3.5 V (n = 0)
[RZ/G2H], [RZ/G2M V1.3], [RZ/G2N]
Supply current
(3.3-V I/O [USB2H])
IDDQ33_USB2
Hn (n = 0 to 3)
—
—
72
mA
VDDQ33_USB2Hn = 3.5 V (n = 0, 1)
[RZ/G2H], [RZ/G2M V1.3], [RZ/G2N]
Supply current
(3.3-V I/O [USB2])
IDDQ33_USB2 —
—
216
144
mA
mA
VDDQ33_USB2 = 3.5 V [RZ/G2H]
VDDQ33_USB2 = 3.5 V [RZ/G2M
V1.3], [RZ/G2N]
Supply current
(2.5-V I/O [ETH])
IDDQ25_ETH
—
—
40
mA
VDDQ25_ETH = 2.6 V [RZ/G2H],
[RZ/G2M V1.3], [RZ/G2N]
Supply current
(1.8-V I/O [VDDQ18])
IDDQ18
—
—
50
mA
VDDQ18 = 1.9 V [RZ/G2H], [RZ/G2M
V1.3], [RZ/G2N]
Supply current
(1.8-V I/O [HDMI])
IDDQ18_HDMI
n (n = 0, 1)
—
—
10.5
mA
VDDQ18_HDMIn = 1.9 V (n = 0)
[RZ/G2H], [RZ/G2M V1.3], [RZ/G2N]
Supply current
(1.8-V I/O [LVDS])
IDDQ18_LVDS —
—
110.2
mA
VDDQ18_LVDS = 1.9 V [RZ/G2H],
[RZ/G2M V1.3], [RZ/G2N]
RZ/G2N
RZ/G2E
RZ/G2M V1.3
RZ/G2H
RZ/G2M V3.0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com