Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RZ/G2M Datasheet(PDF) 71 Page - Renesas Technology Corp

Part # RZ/G2M
Description  RZ/G Series, 2nd Generation
PDF  169 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RZ/G2M Datasheet(HTML) 71 Page - Renesas Technology Corp

Back Button RZ/G2M Datasheet HTML 67Page - Renesas Technology Corp RZ/G2M Datasheet HTML 68Page - Renesas Technology Corp RZ/G2M Datasheet HTML 69Page - Renesas Technology Corp RZ/G2M Datasheet HTML 70Page - Renesas Technology Corp RZ/G2M Datasheet HTML 71Page - Renesas Technology Corp RZ/G2M Datasheet HTML 72Page - Renesas Technology Corp RZ/G2M Datasheet HTML 73Page - Renesas Technology Corp RZ/G2M Datasheet HTML 74Page - Renesas Technology Corp RZ/G2M Datasheet HTML 75Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 169 page
background image
RZ/G Series, 2nd Generation Datasheet
Section 3. Electrical Characteristics
R01DS0483EJ0101 Rev.1.01
Page 71 of 169
Jun 30, 2025
Table 3.4.20 DC Characteristics (1.35-V I/O [DDR3L])
Item
Symbol
Min.
Typ.
Max.
Unit
Measurement
conditions
Remarks
Input high voltage
(MDQ pin)
VIH
VREF +
0.09
—
—
V
VDDQ_DDR =
VDDQ_CK =
1.283 to 1.450 V
MDQ, and
MDQS pins
Input low voltage
(MDQ pin)
VIL
—
—
VREF - 0.09
V
Input high voltage
VIH
0.7 ×
VDDQ_
DDR
—
—
V
VDDQ_DDR =
VDDQ_CK =
1.283 to 1.450 V
MBKPRST#
pin
Input low voltage
VIL
—
—
0.3 ×
VDDQ_DDR
V
Differential input
reference voltage
VREF
0.49 ×
VDDQ_
DDR
0.50 ×
VDDQ_
DDR
0.51 ×
VDDQ_DDR
V
VDDQ_DDR =
VDDQ_CK =
1.283 to 1.450 V
*1
DC differential
input high voltage
VIHD
0.18
—
—
V
MDQS = H,
VIN =
VDDQ_DDR/2,
VDD = 1.0 Vtyp,
VDDQ_DDR =
VDDQ_CK =
1.283 to 1.450 V
MDQS pins
DC differential
input low voltage
VILD
—
—
-0.18
V
MDQS = L,
VIN =
VDDQ_DDR/2,
VDD = 1.0 Vtyp,
VDDQ_DDR =
VDDQ_CK =
1.283 to 1.450 V
AC differential
input high voltage
VIHD
(AC)
0.27
—
—
V
VDD = 1.0 Vtyp,
VDDQ_DDR =
VDDQ_CK =
1.283 to 1.450 V
MDQS pins
AC differential
input low voltage
VILD
(AC)
—
—
-0.27
V
VDD = 1.0 Vtyp,
VDDQ_DDR =
VDDQ_CK =
1.283 to 1.450 V
MDQS pins
Input high voltage
VIH (AC)
VREF +
0.135
—
—
V
—
—
Input low voltage
VIL (AC)
—
—
VREF –
0.135
V
—
—
AC differential
input cross point
voltage
VIX (AC)
0.5 ×
VDDQ_
DDR – 0.15
—
0.5 ×
VDDQ_
DDR, + 0.15
V
VDDQ_DDR =
VDDQ_CK =
1.283 to 1.450 V
MDQS pins *2
AC differential
output cross point
voltage
VOX
(AC)
VREF –
0.125
—
VREF +
0.125
V
VDDQ_DDR =
VDDQ_CK =
1.450 V
MCK, and
MDQS pins
(PU, PD not
used)
RZ/G2H
RZ/G2M V1.3
RZ/G2N
RZ/G2E
RZ/G2M V3.0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com