Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RZ/G2M Datasheet(PDF) 75 Page - Renesas Technology Corp

Part # RZ/G2M
Description  RZ/G Series, 2nd Generation
PDF  169 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RZ/G2M Datasheet(HTML) 75 Page - Renesas Technology Corp

Back Button RZ/G2M Datasheet HTML 71Page - Renesas Technology Corp RZ/G2M Datasheet HTML 72Page - Renesas Technology Corp RZ/G2M Datasheet HTML 73Page - Renesas Technology Corp RZ/G2M Datasheet HTML 74Page - Renesas Technology Corp RZ/G2M Datasheet HTML 75Page - Renesas Technology Corp RZ/G2M Datasheet HTML 76Page - Renesas Technology Corp RZ/G2M Datasheet HTML 77Page - Renesas Technology Corp RZ/G2M Datasheet HTML 78Page - Renesas Technology Corp RZ/G2M Datasheet HTML 79Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 169 page
background image
RZ/G Series, 2nd Generation Datasheet
Section 3. Electrical Characteristics
R01DS0483EJ0101 Rev.1.01
Page 75 of 169
Jun 30, 2025
3.4.1
Overload Condition (Injection Current)
The overload condition describes the behavior in case of current injection to the port pins.
Condition: Tj = -40c to Tj Max
Table 3.4.24 Overload Current [RZ/G2H, RZ/G2M V1.3, RZ/G2M V3.0, and RZ/G2N)
Parameter
Symbol
Condition
Ratings*1
Unit
Overload
Current *2
Vin > VCC
Vin < VSS
Pins supplied
by VDDQ33
IINJPM
1 pin
±2
mA
IINJNM
Sum of all absolute IINJPM + IINJNM
of pins supplied as group *3
|50|
mA
Pins supplied
by VDDQ18
IINJPM
1 pin
±2
mA
IINJNM
Sum of all absolute IINJPM + IINJNM
of pins supplied as group *3
|50|
mA
Pins supplied
by VDDQVA_SDn
(n = 0,1,2)
IINJPM
1 pin
±2
mA
IINJNM
Sum of all absolute IINJPM + IINJNM
of pins supplied as group *3
|12|
mA
Pins supplied
by VDDQVA_SDn
(n = 3)
IINJPM
1 pin
±2
mA
IINJNM
Sum of all absolute IINJPM + IINJNM
of pins supplied as group *3
|22|
mA
Pins supplied
by VDDQ25_ETH
IINJPM
1 pin
±2
mA
IINJNM
Sum of all absolute IINJPM + IINJNM
of pins supplied as group *3
|36|
mA
Notes: 1. The Total current may be limited further by the total power dissipation.
2. Be sure not to exceed the absolute maximum ratings (Max value) of each supply voltage.
3. The total overload current must be within the output current.
RZ/G2H
RZ/G2M V1.3
RZ/G2N
RZ/G2E
RZ/G2M V3.0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com