Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RZ/G2M Datasheet(PDF) 19 Page - Renesas Technology Corp

Part # RZ/G2M
Description  RZ/G Series, 2nd Generation
PDF  169 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RZ/G2M Datasheet(HTML) 19 Page - Renesas Technology Corp

Back Button RZ/G2M Datasheet HTML 15Page - Renesas Technology Corp RZ/G2M Datasheet HTML 16Page - Renesas Technology Corp RZ/G2M Datasheet HTML 17Page - Renesas Technology Corp RZ/G2M Datasheet HTML 18Page - Renesas Technology Corp RZ/G2M Datasheet HTML 19Page - Renesas Technology Corp RZ/G2M Datasheet HTML 20Page - Renesas Technology Corp RZ/G2M Datasheet HTML 21Page - Renesas Technology Corp RZ/G2M Datasheet HTML 22Page - Renesas Technology Corp RZ/G2M Datasheet HTML 23Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 169 page
background image
RZ/G Series, 2nd Generation Datasheet
Section 1 Overview
R01DS0483EJ0101 Rev.1.01
Page 19 of 169
Jun 30, 2025
1.1.8
Sound Interface
Item
Description
Sampling Rate Converter
Unit (SCU)
(For All Products)
Overall
specification
• Includes ten SRC modules
— Supports the quality suitable for audio sound (High-sound-
quality type) (THD+N -132dB): six modules
— Supports the quality suitable for voice sound (general-sound-
quality type) (THD+N -96dB): four modules
• The SRC module is capable of correcting phase change and delay
(timing jitter) generated during data transfer over external
memories or external devices.
• The channel count conversion unit (CTU), mixer (MIX), and digital
mute and volume function (DVC) can be used on two fixed output
channels.
Sampling rate
conversion
(SRC)
• Capable of asynchronous sampling rate conversion
• Supports resolutions up to 24 bits
• Two kinds of filter type for SRC.
— Supports the quality suitable for audio sound (High-sound-
quality type) (THD+N -132dB): Realized the filter by passband
-1dB@0.4575FS, cutoff -18dB@0.5FS.
— Supports the quality suitable for voice sound (general-sound-
quality type) (THD+N -96dB): Realized the filter by passband -
1dB@0.4561FS, cutoff -72dB@0.5FS. (Characteristics of each
filter is written in the equivalent/up-sampling cases.)
• Automatically generates antialiasing filter coefficients
• For monaural to eight-channel sound sources
Sampling Rate Converter
Unit (SCU)
(For All Products)
Channel count
conversion
unit (CTU)
• Downmixing and splitter functions
— Conversion of eight input channels into four output channels
— Conversion of six input channels into two output channels
— Conversion of two input channels into four sets of two output
channels
— Conversion of one input channel into eight sets of one output
channel
— No conversion
Mixer (MIX)
• Mixing (adds) two to four sources into one
• Ratio for adding sources is selectable
• Ratio is dynamically changeable
• Mixing with volume ramp is available (ramp period is selectable)
Digital volume
and mute
function (DVC)
• Volume control function including digital volume, volume ramp,
and zero-crossing mute
• The digital volume function is specified by a 24-bit fixed-point
value within the range from 0 to 8 times (mute, or -120 to 18 dB)
• The volume ramp function can be used for soft mute, fade-in,
fade-out, or desired volume adjustment
• The volume ramp period can be changed within the sampling
range from the 0th to 23rd power of 2
• The zero-crossing mute function silences the sound at the zero-
crossing point of the audio data



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com