Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RZ/G2M Datasheet(PDF) 98 Page - Renesas Technology Corp

Part # RZ/G2M
Description  RZ/G Series, 2nd Generation
PDF  169 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RZ/G2M Datasheet(HTML) 98 Page - Renesas Technology Corp

Back Button RZ/G2M Datasheet HTML 94Page - Renesas Technology Corp RZ/G2M Datasheet HTML 95Page - Renesas Technology Corp RZ/G2M Datasheet HTML 96Page - Renesas Technology Corp RZ/G2M Datasheet HTML 97Page - Renesas Technology Corp RZ/G2M Datasheet HTML 98Page - Renesas Technology Corp RZ/G2M Datasheet HTML 99Page - Renesas Technology Corp RZ/G2M Datasheet HTML 100Page - Renesas Technology Corp RZ/G2M Datasheet HTML 101Page - Renesas Technology Corp RZ/G2M Datasheet HTML 102Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 98 / 169 page
background image
RZ/G Series, 2nd Generation Datasheet
Section 3. Electrical Characteristics
R01DS0483EJ0101 Rev.1.01
Page 98 of 169
Jun 30, 2025
3.14 LVDS-IF
Table 3.14.1 AC Characteristics (1.8-V I/O [LVDS]) [RZ/G2H, RZ/G2M V1.3, RZ/G2M V3.0,RZ/G2N (in
Single-link), RZ/G2E (in Single-link)]
Conditions:
VDDQ18_LVDS = VDD18_LVDSPLL1 = 1.8V ± 0.1V,
VDDQ09_LVDS = VDD09_LVDSPLL2 = 0.82V + 0.06V/-0.07V,
GND = VSS = 0V [RZ/G2M V1.3, RZ/G2M V3.0, RZ/G2H, RZ/G2N],
VDDQ18_LVDS = VDD18_LVDSnPLL (n = 0, 1) = 1.8V ± 0.1V,
GND = VSS = VSS_LVDSnPLL (n = 0, 1) = 0V [RZ/G2E]
Tc = -40 to +115°C [RZ/G2M V1.3, RZ/G2H],
Ta = -40 to +85°C [RZ/G2M V3.0, RZ/G2N, RZ/G2E],
Tj = -40 to +115°C [RZ/G2M V3.0, RZ/G2N, RZ/G2E],
CL = 3pF
Item
Symbol
Min.
Typ.
Max.
Unit
Measurement
condition
Figures
Input Clock
Frequency of LVDS
FCPHIN
31.0 [RZ/G2H,
RZ/G2M V1.3,
RZ/G2M V3.0,
RZ/G2N]
—
150.0
MHz
—
Figure
3.14.1
Output Clock
Frequency of LVDS
FCLKP/CLKN
31.0 [RZ/G2H,
RZ/G2M V1.3,
RZ/G2M V3.0,
RZ/G2N]
—
150.0
MHz
—
Figure
3.14.2
5.0 [RZ/G2E]
Output Clock of LVDS
TCP
6.67
—
32.2
[RZ/G2H,
RZ/G2M
V1.3,
RZ/G2M
V3.0,
RZ/G2N]
ns
—
200.0
[RZ/G2E]
Output Data Rate of
LVDS
FDAP/DAN
217.0 [RZ/G2H,
RZ/G2M V1.3,
RZ/G2M V3.0,
RZ/G2N]
—
1050.0
Mbps
—
35.0 [RZ/G2E]
LVDS Output Pulse
Position 0
TPPOS0
-0.150
0
0.150
ns
—
LVDS Output Pulse
Position 1
TPPOS1
(TCP/7) -0.150
TCP/7
(TCP/7)
+0.150
ns
—
LVDS Output Pulse
Position 2
TPPOS2
2(TCP/7) -0.150
2TCP/7
2(TCP/7)
+0.150
ns
—
LVDS Output Pulse
Position 3
TPPOS3
3(TCP/7) -0.150
3TCP/7
3(TCP/7)
+0.150
ns
—
LVDS Output Pulse
Position 4
TPPOS4
4(TCP/7) -0.150
4TCP/7
4(TCP/7)
+0.150
ns
—
RZ/G2H
RZ/G2M V1.3
RZ/G2N
RZ/G2E
RZ/G2M V3.0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com