Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RZ/G2M Datasheet(PDF) 138 Page - Renesas Technology Corp

Part # RZ/G2M
Description  RZ/G Series, 2nd Generation
PDF  169 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RZ/G2M Datasheet(HTML) 138 Page - Renesas Technology Corp

Back Button RZ/G2M Datasheet HTML 134Page - Renesas Technology Corp RZ/G2M Datasheet HTML 135Page - Renesas Technology Corp RZ/G2M Datasheet HTML 136Page - Renesas Technology Corp RZ/G2M Datasheet HTML 137Page - Renesas Technology Corp RZ/G2M Datasheet HTML 138Page - Renesas Technology Corp RZ/G2M Datasheet HTML 139Page - Renesas Technology Corp RZ/G2M Datasheet HTML 140Page - Renesas Technology Corp RZ/G2M Datasheet HTML 141Page - Renesas Technology Corp RZ/G2M Datasheet HTML 142Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 138 / 169 page
background image
RZ/G Series, 2nd Generation Datasheet
Section 3. Electrical Characteristics
R01DS0483EJ0101 Rev.1.01
Page 138 of 169
Jun 30, 2025
3.29 USB 3.0 (Super-Speed)
The description in this section is compliant with the following USB 3.0 standard: 'Universal Serial Bus 3.0 Specification
Revision 1.0, Jun 6, 2011'.
Table 3.29.1 USB 3.0 (Super-Speed 5 GT/s) Interface Characteristics
Conditions: VDDQ33_USB3* = 3.3 ± 0.2 V, VDD09_USB3* = 0.82 V – 0.07 V / + 0.06 V, VSS = 0 V,
[RZ/G2H, RZ/G2M V1.3, RZ/G2M V3.0, RZ/G2N],
Tc = −40 to +115 °C [RZ/G2H, RZ/G2M V1.3], Ta = -40 to +85 °C [RZ/G2M V3.0, RZ/G2N],
Tj = -40 to +115 °C [RZ/G2M V3.0, RZ/G2N]
VDDQ18_USB30 = 1.8 ± 0.1 V, VDDD_USB30 = 1.03 ± 0.05 V
Ta = −40 to +85 C , Tj = −40 to + 115 C [RZ/G2E]
Test Item
Symbol
Min.
Typ.
Max.
Unit
Remarks
Differential Rx peak to peak voltage
VRX-DIFFp-p
0.030
—
—
V
*1
Differential p-p Tx voltage swing
VTX-DIFFp-p
0.8
—
1.2
V
*2
Absolute DC Common Mode Voltage
between U1 and U0
VTX-CM-DC-ACTIVEIDLE-
DELTA
—
—
200
mV
*2
Unit Interval
UI
199.94
—
200.06
ps
*3
DC Differential TX Impedance
RTX-DIFF-DC
72
—
120
Ω
—
DC Differential Input Impedance
RRX-DIFF-DC
72
—
120
Ω
—
DC Input Impedance
{DC common mode impedance}
ZRX-DC
{RTX-DC, RRX-DC}
36
{18}
—
{—}
60
{30}
Ω
{Ω}
—
Notes: 1. RXP, RXN: DC test
2. TXP, TXN: DC test
3. Need Reference Clock (Low Voltage Swing, Differential Clocks). The nominal single-ended swing for each
clock is 0 to 0.7 V and a nominal frequency of 100 MHz ±100 PPM.
Table 3.29.2 USB 3.0 (Super-Speed 5 GT/s) External Clock Accuracy
Conditions: VDD09_USB30 = 0.82 V – 0.07 V / + 0.06 V,
VDDQ18_USB30 = 1.8 V ± 0.1 V [RZ/G2H, RZ/G2M V1.3, RZ/G2M V3.0, RZ/G2N]
VDDQ18_USB30 = 1.8 V ± 0.1 V, VDDD_USB30 = 1.03 ± 0.05 V [RZ/G2E], VSS = 0 V,
Tc = −40 to +115 °C [RZ/G2H, RZ/G2M V1.3],
Ta = -40 to +85 °C [RZ/G2M V3.0, RZ/G2N, RZ/G2E],
Tj = -40 to +115 °C [RZ/G2M V3.0, RZ/G2N, RZ/G2E]
Test Item
Symbol
Min.
Typ.
Max.
Unit
Remarks
External clock accuracy
(USB_XTAL, USB_EXTAL) *
—
—
50.000
—
MHz
Frequency accuracy:
±100 ppm or less
External clock accuracy
(USB_3S0_CLK_P,USB_3S0_CLK_M)
—
—
100.000
—
MHz
Notes: For details about selecting clock sources, refer to Figure 63.1 in User’s Manual (Page. 63-1)
* Except for RZ/G2E
RZ/G2H
RZ/G2M V1.3
RZ/G2N
RZ/G2E
RZ/G2M V3.0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com