Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RZ/G2M Datasheet(PDF) 153 Page - Renesas Technology Corp

Part # RZ/G2M
Description  RZ/G Series, 2nd Generation
PDF  169 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RZ/G2M Datasheet(HTML) 153 Page - Renesas Technology Corp

Back Button RZ/G2M Datasheet HTML 149Page - Renesas Technology Corp RZ/G2M Datasheet HTML 150Page - Renesas Technology Corp RZ/G2M Datasheet HTML 151Page - Renesas Technology Corp RZ/G2M Datasheet HTML 152Page - Renesas Technology Corp RZ/G2M Datasheet HTML 153Page - Renesas Technology Corp RZ/G2M Datasheet HTML 154Page - Renesas Technology Corp RZ/G2M Datasheet HTML 155Page - Renesas Technology Corp RZ/G2M Datasheet HTML 156Page - Renesas Technology Corp RZ/G2M Datasheet HTML 157Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 153 / 169 page
background image
RZ/G Series, 2nd Generation Datasheet
Section 3. Electrical Characteristics
R01DS0483EJ0101 Rev.1.01
Page 153 of 169
Jun 30, 2025
3.33 Debug and Trace
3.33.1 JTAG IF
Table 3.33.1 JTAG IF Signal Timing
Conditions: VDDQ18 = 1.8 V ± 0.1 V, GND = VSS = 0 V, Tc = −40 to +115 °C [RZ/G2H, RZ/G2M V1.3],
Ta = -40 to +85 °C [RZ/G2M V3.0, RZ/G2N, RZ/G2E],
Tj = -40 to +115 °C [RZ/G2M V3.0, RZ/G2N, RZ/G2E], CL = 30 pF
[RZ/G2M V1.3, RZ/G2M V3.0, RZ/G2N, and RZ/G2E]
Item
Symbol
Min.
Typ.
Max.
Unit
Figures
TCK Input clock cycle
tTCKcyc
50*
—
—
ns
Figure 3.33.1
TCK Input clock pulse width (high level)
tTCKH
20
—
—
ns
TCK Input clock pulse width (low level)
tTCKL
20
—
—
ns
TDI/TMS setup time
tTDIS
15
—
—
ns
Figure 3.33.2
TDI/TMS hold time
tTDIH
15
—
—
ns
TDO output delay time
tTDO
0
—
14
ns
[RZ/G2H]
Item
Symbol
Min.
Typ.
Max.
Unit
Figures
TCK Input clock cycle
tTCKcyc
70*
—
—
ns
Figure 3.33.1
TCK Input clock pulse width (high level)
tTCKH
30
—
—
ns
TCK Input clock pulse width (low level)
tTCKL
30
—
—
ns
TDI/TMS setup time
tTDIS
25
—
—
ns
Figure 3.33.2
TDI/TMS hold time
tTDIH
25
—
—
ns
TDO output delay time
tTDO
0
—
24
ns
Note:
*
The cycle is 500 ns (2 MHz) during boundary scan operation.
Figure 3.33.1 TCK Input Timing
Note: When the clock is input from the TCK pin.
tTCKH
1/2 VDDQ18
1/2 VDDQ18
tTCKL
tTCKcyc
TCK
VIH
VIH
VIL
VIL
RZ/G2H
RZ/G2M V1.3
RZ/G2N
RZ/G2E
RZ/G2M V3.0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com