Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XRAG2 Datasheet(PDF) 10 Page - STMicroelectronics

Part # XRAG2
Description  432-bit UHF, EPCglobal Class1 Generation2 and ISO 18000-6C, contactless memory chip with user memory
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

XRAG2 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button XRAG2_08 Datasheet HTML 6Page - STMicroelectronics XRAG2_08 Datasheet HTML 7Page - STMicroelectronics XRAG2_08 Datasheet HTML 8Page - STMicroelectronics XRAG2_08 Datasheet HTML 9Page - STMicroelectronics XRAG2_08 Datasheet HTML 10Page - STMicroelectronics XRAG2_08 Datasheet HTML 11Page - STMicroelectronics XRAG2_08 Datasheet HTML 12Page - STMicroelectronics XRAG2_08 Datasheet HTML 13Page - STMicroelectronics XRAG2_08 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 33 page
background image
XRAG2 memory mapping
XRAG2
10/33
Figure 5.
Three memory bank organization (EPC_length
> 9d), memory map:
1.
See Table 2 and Table 3 for description of EPC and ISO TID coding.
2.1
Tag identification (TID) structure
The 64-bit TID memory content is written by STMicroelectronics according to the ISO 15963
Technical Report in order to follow the ISO 18000 standard recommendations. XRAG2 can
be delivered with either ISO TID or EPC TID. Table 2 and Table 3 show the TID structure in
each case.
TID bank(1)
EPC bank
Reserved bank
TID[63:48](1)
TID[47:32]
TID[15:0]
TID[31:16]
30h
20h
10h
00h
3Fh
2Fh
1Fh
0Fh
Kill password [31:16]
Kill password [15:0]
Access password [15:0]
Access password [31:16]
30h
20h
10h
00h
3Fh
2Fh
1Fh
0Fh
EPC[N:N-15]
... up to 256 EPC bits
RFU
EPC [15:0]
120h
110h
...
20h
12Fh
11Fh
...
2Fh
(PC+EPC)length
AFI/NSI
CRC16[15:0]
10h
00h
1Fh
0Fh
Bank 10
Bank 01
Bank 00
64 bits
304 bits
64 bits
ai12310b
...
...
...
...
...
...
Table 2.
Structure of ISO TID
b0 b1b2 b3
b4 b5
b6 b7
b8 b9b10b11 b12 b13 b14 b15
30h
42 bits
3Fh
20h
ST
2Fh
10h
09h
Reserved
1Fh
00h
E0h
02h
0Fh



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com