Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XRAG2 Datasheet(PDF) 23 Page - STMicroelectronics

Part # XRAG2
Description  432-bit UHF, EPCglobal Class1 Generation2 and ISO 18000-6C, contactless memory chip with user memory
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

XRAG2 Datasheet(HTML) 23 Page - STMicroelectronics

Back Button XRAG2_08 Datasheet HTML 19Page - STMicroelectronics XRAG2_08 Datasheet HTML 20Page - STMicroelectronics XRAG2_08 Datasheet HTML 21Page - STMicroelectronics XRAG2_08 Datasheet HTML 22Page - STMicroelectronics XRAG2_08 Datasheet HTML 23Page - STMicroelectronics XRAG2_08 Datasheet HTML 24Page - STMicroelectronics XRAG2_08 Datasheet HTML 25Page - STMicroelectronics XRAG2_08 Datasheet HTML 26Page - STMicroelectronics XRAG2_08 Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 33 page
background image
XRAG2
XRAG2 command descriptions
23/33
8
XRAG2 command descriptions
The XRAG2 offers Select, Inventory, and Access command sets as described in EPCglobal
Class 1 generation 2 RFID UHF specification, revision 1.0.9.
8.1
Select command set
8.1.1
Select
The XRAG2 supports the Select command as described in the EPCglobal Class 1
generation 2 RFID UHF specification, revision 1.0.9.
This command defines a tag population based on user-defined criteria for the next inventory
and access operations.
Readers can use one or more Select commands to select a particular tag population before
inventory.
8.2
Inventory command set
8.2.1
Query
The XRAG2 supports the Query command as described in the EPCglobal Class 1
generation 2 RFID UHF specification, revision 1.0.9.
This command initiates and specifies an inventory round. The Query command also
specifies the tag-to-reader data rate and coding scheme (FM0 or Miller).
8.2.2
QueryRep
The XRAG2 supports the QueryRep command as described in the EPCglobal Class 1
generation 2 RFID UHF specification, revision 1.0.9.
This command instructs tags participating in the inventory round to decrement their slot
counter. If slot=0 after decrementing, tag backscatters a 16-bit Random Number (RN16).
8.2.3
QueryAdjust
The XRAG2 supports the QueryAdjust command as described in the EPCglobal Class 1
generation 2 RFID UHF specification, revision 1.0.9.
This command increments, decrements or leaves unchanged the number of slots in the
inventory round without changing any other parameter of the round.
8.2.4
ACK
The XRAG2 supports the ACK command as described in the EPCglobal Class 1 generation
2 RFID UHF specification, revision 1.0.9.
This command acknowledges a single tag in the Reply state. The tag enters the
Acknowledged state and replies by backscattering its PC, EPC and CRC16.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com