Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XRAG2 Datasheet(PDF) 1 Page - STMicroelectronics

Part # XRAG2
Description  432-bit UHF, EPCglobal Class1 Generation2 and ISO 18000-6C, contactless memory chip with user memory
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

XRAG2 Datasheet(HTML) 1 Page - STMicroelectronics

  XRAG2_08 Datasheet HTML 1Page - STMicroelectronics XRAG2_08 Datasheet HTML 2Page - STMicroelectronics XRAG2_08 Datasheet HTML 3Page - STMicroelectronics XRAG2_08 Datasheet HTML 4Page - STMicroelectronics XRAG2_08 Datasheet HTML 5Page - STMicroelectronics XRAG2_08 Datasheet HTML 6Page - STMicroelectronics XRAG2_08 Datasheet HTML 7Page - STMicroelectronics XRAG2_08 Datasheet HTML 8Page - STMicroelectronics XRAG2_08 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 33 page
background image
April 2008
Rev 6
1/33
1
XRAG2
432-bit UHF, EPCglobal Class1 Generation2 and ISO 18000-6C,
contactless memory chip with user memory
Features
EPCglobal class 1 generation 2 RFID UHF
specification (revision 1.0.9)
Passive operation (no battery required)
UHF carrier frequencies from 860 MHz to
960 MHz ISM band
To the XRAG2:
– Asynchronous 90% SSB-ASK, DSB-ASK
or PR-ASK modulation using pulse interval
encoding (Up to 128Kbit/s)
From the XRAG2:
– Backscattered reflective answers using
FM0 or Miller bit coding (up to 640 Kbits/s)
432-bit memory with two possible
configurations:
– 3 memory banks to store up to 256-bit EPC
code: 64-bit TID, 304-bit EPC and 64-bit
reserved banks
– 4 memory banks to store up to 128-EPC
code: 128-bit user, 64-bit TID, 176-bit EPC
and 64-bit reserved banks
Supports EPC and ISO TID
Multisession protocol
Anti-collision functionality
Inventory, Read, Write and Erase features
Kill command
100 ms programming time (max) for 288-bit
(EPC code, Protocol Control bits and CRC16)
programming
More than 10,000 Write/Erase cycles
More than 40 years’ data retention
Packages
– ECOPACK® (RoHS compliant)
1.
Preliminary data.
Unsawn unbumped wafers
or
sawn and bumped wafers
UFDFPN6(1)
1.8 × 2 mm (MA)
www.st.com


Similar Part No. - XRAG2_08

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
XRAG2-SBN18I STMICROELECTRONICS-XRAG2-SBN18I Datasheet
68Kb / 8P
UHF, EPCglobal Class-1 Generation-2, Contactless Memory Chip 432 bit with Multi-session Protocol, Anti-collision and Kill functions
17-Aug-2005
XRAG2-W4I STMICROELECTRONICS-XRAG2-W4I Datasheet
68Kb / 8P
UHF, EPCglobal Class-1 Generation-2, Contactless Memory Chip 432 bit with Multi-session Protocol, Anti-collision and Kill functions
17-Aug-2005
More results

Similar Description - XRAG2_08

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
SR176 STMICROELECTRONICS-SR176 Datasheet
118Kb / 5P
13.56 MHz Short Range Contactless Memory Chip 176 bit USER EEPROM and 64-bit Unique ID
Jul-2003
XRA00 STMICROELECTRONICS-XRA00 Datasheet
492Kb / 40P
UHF, EPCglobal, Contactless Memory IC 96 bit ePC with Inventory and Kill Function
21-Oct-2005
XRAG2 STMICROELECTRONICS-XRAG2 Datasheet
68Kb / 8P
UHF, EPCglobal Class-1 Generation-2, Contactless Memory Chip 432 bit with Multi-session Protocol, Anti-collision and Kill functions
17-Aug-2005
logo
WJ Communication. Inc.
WJR7090 WJCI-WJR7090 Datasheet
348Kb / 4P
Multi-Protocol RFID Reader Module Gen1, ISO 18000-6B and ISO 18000-6C (UHFGen2)
logo
STMicroelectronics
LRI64 STMICROELECTRONICS-LRI64_08 Datasheet
466Kb / 52P
Memory tag IC at 13.56 MHz, with 64-bit unique ID and WORM user area, ISO 15693 and ISO 18000-3 Mode 1 compliant
01-Apr-2008
SRI512 STMICROELECTRONICS-SRI512_08 Datasheet
396Kb / 47P
13.56 MHz short-range contactless memory chip with 512-bit EEPROM and anticollision functions
28-Aug-2008
SRT512 STMICROELECTRONICS-SRT512_08 Datasheet
387Kb / 46P
13.56 MHz short-range contactless memory chip with 512-bit EEPROM and anticollision functions
28-Aug-2008
SRT512 STMICROELECTRONICS-SRT512_09 Datasheet
478Kb / 46P
13.56 MHz short-range contactless memory chip with 512-bit EEPROM and anticollision functions
28-Jul-2009
SRI2K STMICROELECTRONICS-SRI2K Datasheet
816Kb / 45P
13.56 MHz short-range contactless memory chip with 2048-bit EEPROM and anticollision functions
09-Sep-2011
ST25TB512-AT STMICROELECTRONICS-ST25TB512-AT Datasheet
817Kb / 44P
13.56 MHz short-range contactless memory chip with 512-bit EEPROM and anticollision functions
Rev 8 - February 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com