Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XRAG2 Datasheet(PDF) 30 Page - STMicroelectronics

Part # XRAG2
Description  432-bit UHF, EPCglobal Class1 Generation2 and ISO 18000-6C, contactless memory chip with user memory
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

XRAG2 Datasheet(HTML) 30 Page - STMicroelectronics

Back Button XRAG2_08 Datasheet HTML 25Page - STMicroelectronics XRAG2_08 Datasheet HTML 26Page - STMicroelectronics XRAG2_08 Datasheet HTML 27Page - STMicroelectronics XRAG2_08 Datasheet HTML 28Page - STMicroelectronics XRAG2_08 Datasheet HTML 29Page - STMicroelectronics XRAG2_08 Datasheet HTML 30Page - STMicroelectronics XRAG2_08 Datasheet HTML 31Page - STMicroelectronics XRAG2_08 Datasheet HTML 32Page - STMicroelectronics XRAG2_08 Datasheet HTML 33Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 30 / 33 page
background image
Package mechanical data
XRAG2
30/33
10
Package mechanical data
Figure 21.
UFDFPN6 (MLP6) – 6-lead ultra thin fine pitch dual flat package no lead
1.8 x 2 mm, package outline
1.
Drawing is not to scale. Preliminary data.
Table 14.
UFDFPN6 (MLP6) - 8-lead ultra thin fine pitch dual flat package no lead
1.8 x 2 mm, package mechanical data(1)
1.
Preliminary data.
Symbol
millimeters
inches(2)
2.
Values in inches are converted from mm and rounded to 4 decimal digits.
Typ
Min
Max
Typ
Min
Max
A
0.55
0.45
0.6
0.022
0.018
0.024
A1
0.02
0
0.05
0.001
0
0.002
b
0.2
0.15
0.25
0.008
0.006
0.01
D
1.8
1.7
1.9
0.071
0.067
0.075
D2
1.3
1.2
1.4
0.051
0.047
0.055
ddd
0.08
0.003
E
2
1.9
2.1
0.079
0.075
0.083
E2
0.95
0.85
1.05
0.037
0.033
0.041
e
0.5
-
-
0.02
-
-
K
0.2
0.008
L
0.25
0.2
0.3
0.01
0.008
0.012
X
0.2
0.008
ddd
E2
L
1
6
b
J5-ME
D2
e
D
E
A
A1
PIN 1
K



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com