Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XRAG2 Datasheet(PDF) 25 Page - STMicroelectronics

Part # XRAG2
Description  432-bit UHF, EPCglobal Class1 Generation2 and ISO 18000-6C, contactless memory chip with user memory
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

XRAG2 Datasheet(HTML) 25 Page - STMicroelectronics

Back Button XRAG2_08 Datasheet HTML 21Page - STMicroelectronics XRAG2_08 Datasheet HTML 22Page - STMicroelectronics XRAG2_08 Datasheet HTML 23Page - STMicroelectronics XRAG2_08 Datasheet HTML 24Page - STMicroelectronics XRAG2_08 Datasheet HTML 25Page - STMicroelectronics XRAG2_08 Datasheet HTML 26Page - STMicroelectronics XRAG2_08 Datasheet HTML 27Page - STMicroelectronics XRAG2_08 Datasheet HTML 28Page - STMicroelectronics XRAG2_08 Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 33 page
background image
XRAG2
XRAG2 command descriptions
25/33
Figure 18.
Reader-to-tag and tag-to-reader communication timings
Collided Reply
ai12334b
No Reply
Invalid ACK
Reader
Tag
Query
QueryRep
QueryRep
ACK
QueryRep
RN16
RN16
Collision
detected
No
Reply
No
Reply
t1
t2 t1
t3
t1
t2
t1
t3
Reader
Select
Query
ACK
QueryRep
QueryRep or
QueryAdjust
if EPC is valid
NAK is EPC
is invalid
Carrier Wave
Carrier Wave
t4
RN16
t1
t2
PC + EPC + CRC16
t1
t2
NAK
Carrier Wave
Carrier Wave
Table 10.
Reader-to-tag and tag-to-Reader communication timings(1) (2) (3) (4)
Parameter
Description
Conditions
Min
Nominal
Max
T1
(5)
Delay between
end of Reader
command and
beginning of tag
answer.
Measured between the
last rising edge of Reader
command signaling and
the first rising edge of tag
reply
max(RTcal, 10 Tpri)
× (1_FT) – 2µs
max (RTcal, 10 Tpri)
max(RTcal, 10 Tpri)
× (1_FT) + 2µs
T2
(6)
Delay between
tag reply and
next Reader
command.
Measured from the last
falling edge of the last bit
of tag reply to the first
falling edge of reader
command signaling.
3.0 Tpri
20 Tpri
T3
Reader waits T1 before issuing new
command when the tag does not reply.
0 Tpri
T4
Minimum time between reader command
2.0 RTcal
1.
Tpri = 1/ LF, denotes either the period of an FM0 symbol or a single Miller subcarrier.
2.
Characterized only.
3.
If a Reader issues a new command during an tag reply, it does not demodulate the command.
4.
See EPCglobal Class 1 generation 2 RFID UHF specification, revision 1.0.9 for more detailed information.
5.
FT is the tag-to-reader link frequency tolerance.
6.
maximum value of T2 only applies on tags in Reply or Acknowledged state. In this case, if T2 expires:
– without receiving a valid command, the tag returns to the Arbitrate state
– during the reception of a valid command, the tag executes the command
– during the reception of an invalid command, the tag returns to the Arbitrate state upon determining that the command is
invalid
– In all other states, the maximum value of T2 does not apply.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com