Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XRAG2 Datasheet(PDF) 17 Page - STMicroelectronics

Part # XRAG2
Description  432-bit UHF, EPCglobal Class1 Generation2 and ISO 18000-6C, contactless memory chip with user memory
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

XRAG2 Datasheet(HTML) 17 Page - STMicroelectronics

Back Button XRAG2_08 Datasheet HTML 13Page - STMicroelectronics XRAG2_08 Datasheet HTML 14Page - STMicroelectronics XRAG2_08 Datasheet HTML 15Page - STMicroelectronics XRAG2_08 Datasheet HTML 16Page - STMicroelectronics XRAG2_08 Datasheet HTML 17Page - STMicroelectronics XRAG2_08 Datasheet HTML 18Page - STMicroelectronics XRAG2_08 Datasheet HTML 19Page - STMicroelectronics XRAG2_08 Datasheet HTML 20Page - STMicroelectronics XRAG2_08 Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 33 page
background image
XRAG2
Tag-to-reader protocol
17/33
6
Tag-to-reader protocol
During answer frames, the tag backscatters data in accordance to the encoding format and
data rate chosen by the reader during the Query command starting the inventory round. The
tag backscatters data to the reader by modulating its antenna reflection coefficient.
6.1
Tag-to-reader data encoding
As specified in the EPCglobal Class 1 generation 2 RFID UHF specification, revision 1.0.9,
the tag encodes the backscattered data as either FM0 base band (biphase space) or Miller
modulation of a subcarrier at the data rate requested by the reader.
High values represented on Figure 10, Figure 11, Figure 13, Figure 14, Figure 15, and
Figure 16 correspond to the tag antenna’s reflecting power.
6.1.1
Tag-to-reader FM0 encoding
As specified in the EPCglobal Class 1 generation 2 RFID UHF specification, revision 1.0.9,
Tag-to-reader FM0 modulation is chosen by the reader by setting the Subcarrier Number
parameter (M) to 1 in the query command starting the inventory round.
Figure 10.
FM0 symbols
Tag-to-reader link frequency is defined in Section 5.4: Reader-to-tag communication start
and calibration.
6.1.2
Tag-to-reader FM0 preamble
As defined in the EPCglobal Class 1 generation 2 RFID UHF specification, revision 1.0.9,
the tag can start FM0 backscattering using a 12 0's pilot tone, depending on the value of the
TRext parameter sent during the Query command that initiates the inventory round.
Figure 11 and Figure 12 show the two possible FM0 modulation answer preamble formats
according to the TRext parameter value.
Figure 11.
FM0 answer preamble without pilot tone (TRext=0).
1.
V = violation.
Tpri = 1/LF
data
0
1
data
0
1
Tpri = 1/LF
ai12314
1
ai12315
0
10V(1)
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com