Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XRAG2 Datasheet(PDF) 22 Page - STMicroelectronics

Part # XRAG2
Description  432-bit UHF, EPCglobal Class1 Generation2 and ISO 18000-6C, contactless memory chip with user memory
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

XRAG2 Datasheet(HTML) 22 Page - STMicroelectronics

Back Button XRAG2_08 Datasheet HTML 18Page - STMicroelectronics XRAG2_08 Datasheet HTML 19Page - STMicroelectronics XRAG2_08 Datasheet HTML 20Page - STMicroelectronics XRAG2_08 Datasheet HTML 21Page - STMicroelectronics XRAG2_08 Datasheet HTML 22Page - STMicroelectronics XRAG2_08 Datasheet HTML 23Page - STMicroelectronics XRAG2_08 Datasheet HTML 24Page - STMicroelectronics XRAG2_08 Datasheet HTML 25Page - STMicroelectronics XRAG2_08 Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 33 page
background image
Tag-to-reader communication timings
XRAG2
22/33
7
Tag-to-reader communication timings
The tag complies with the reader-to-tag and tag-to-reader link timing requirements of the
EPCglobal Class 1 generation 2 RFID UHF specification, revision 1.0.9.
Table 8.
Tag-to-Reader link frequency and tolerance(1)
1.
Characterized only.
Divide ratio DR
TRcal (µs ±1%)
Link frequency LF (kHz)
64/3
33.3
640
33.3 < TRcal < 66.7
320 < LF < 640
66.7
320
66.7 < TRcal < 83.3
256 < LF < 320
83.3
256
83.3 < TRcal
≤133.3
160
≤LF < 256
133.3 < TRcal
≤200
107
≤LF < 160
200 < TRcal
≤225
95
≤LF < 107
8
17.2
≤TRcal < 25
320 < LF
≤465
25
320
25 < TRcal < 31.25
256 < LF < 320
31.25
256
31.25 < TRcal < 50
160< LF < 256
50
160
50 < TRcal
≤75
107
≤LF < 160
75 < TRcal
≤200
40
≤LF < 160
Table 9.
Tag-to-Reader data rates(1)
1.
Characterized only.
Number of subcarrier cycles
per symbol (M)
Modulation type
Data rate (kbps)
1
FM0 baseband
LF
2
Miller subcarrier
LF/2
4
Miller subcarrier
LF/4
8
Miller subcarrier
LF/8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com