Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XRAG2 Datasheet(PDF) 31 Page - STMicroelectronics

Part # XRAG2
Description  432-bit UHF, EPCglobal Class1 Generation2 and ISO 18000-6C, contactless memory chip with user memory
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

XRAG2 Datasheet(HTML) 31 Page - STMicroelectronics

Back Button XRAG2_08 Datasheet HTML 25Page - STMicroelectronics XRAG2_08 Datasheet HTML 26Page - STMicroelectronics XRAG2_08 Datasheet HTML 27Page - STMicroelectronics XRAG2_08 Datasheet HTML 28Page - STMicroelectronics XRAG2_08 Datasheet HTML 29Page - STMicroelectronics XRAG2_08 Datasheet HTML 30Page - STMicroelectronics XRAG2_08 Datasheet HTML 31Page - STMicroelectronics XRAG2_08 Datasheet HTML 32Page - STMicroelectronics XRAG2_08 Datasheet HTML 33Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 31 / 33 page
background image
XRAG2
Part numbering
31/33
11
Part numbering
For a list of the available options, please see the current memory shortform catalog.
For further information on any aspect of this device, please contact your nearest ST sales
office.
Table 15.
Ordering information scheme
Example:
XRAG2
-
W4I
/
1GE
Device type
XRAG2
Delivery form
MATG = UFDFPN6 (MLP6) 1.8 × 2 mm, tape & reel packing, ECOPACK®
and RoHS compliant, Sb2O3-free and TBBA-free(
(1)
1.
Preliminary data.
W4I = 180 µm ± 15 µm unsawn inkless wafer
SBN18I = 180 µm ± 15 µm bumped and sawn inkless wafer on 8 inch frame
Customer code
1GE = EPC TID
1GI = ISO TID



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com