Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

O36ESC0151F Datasheet(PDF) 6 Page - TOKYO KEISO CO.,LTD.

Part # O36ESC0151F
Description  ORIFLOMETER®
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEISO [TOKYO KEISO CO.,LTD.]
Direct Link  https://www.tokyokeiso.co.jp/english/index.html
Logo KEISO - TOKYO KEISO CO.,LTD.

O36ESC0151F Datasheet(HTML) 6 Page - TOKYO KEISO CO.,LTD.

Back Button O36ESC0151F Datasheet HTML 2Page - TOKYO KEISO CO.,LTD. O36ESC0151F Datasheet HTML 3Page - TOKYO KEISO CO.,LTD. O36ESC0151F Datasheet HTML 4Page - TOKYO KEISO CO.,LTD. O36ESC0151F Datasheet HTML 5Page - TOKYO KEISO CO.,LTD. O36ESC0151F Datasheet HTML 6Page - TOKYO KEISO CO.,LTD. O36ESC0151F Datasheet HTML 7Page - TOKYO KEISO CO.,LTD. O36ESC0151F Datasheet HTML 8Page - TOKYO KEISO CO.,LTD. O36ESC0151F Datasheet HTML 9Page - TOKYO KEISO CO.,LTD. O36ESC0151F Datasheet HTML 10Page - TOKYO KEISO CO.,LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
O3000 Series ORIFLOMETER®
TG-F1169-E00
6
TOKYO KEISO CO., LTD.
57.8
(82)
(A)
49
57.8
(82)
(A)
49
35
35
540
50
Flange connection, main pipe size: 15 A to 300 A
Indicator: local indication
Wafer connection, main pipe size: 15 A to 300 A
Indicator: local indication
Main pipe size
(A)
*1
Approx.
mass
*2
(kg)
15A
241
5.8
20A
244
6.4
25A
247
7.6
32A
252
8.7
40A
255
9.2
50A
261
11
65A
269
14
80A
275
15
100A
288
18
125A
300
23
150A
313
30
200A
339
39
250A
364
57
300A
390
65
*1 40 mm shorter without the valve part.
Mass of valve part: approx. 0.4 kg
100 mm longer for the electric transmitter
type.
*2 For JIS10K flange rating, including the local
indicator and valve part.
Main pipe size
(A)
*1
Approx.
mass
*2
(kg)
15A
259
4.8
20A
262
4.3
25A
270
4.4
32A
272
4.6
40A
278
4.6
50A
285
4.8
65A
295
5.1
80A
300
5.3
100A
313
5.9
125A
328
7.5
150A
343
8.4
200A
365
9.8
250A
397
20
300A
419
21
*1 40 mm shorter without the valve part.
Mass of valve part: approx. 0.4 kg
100 mm longer for the electric transmitter
type.
*2 For JIS10K flange rating, including the local
indicator and valve part.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com