Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

O36ESC0151F Datasheet(PDF) 4 Page - TOKYO KEISO CO.,LTD.

Part # O36ESC0151F
Description  ORIFLOMETER®
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEISO [TOKYO KEISO CO.,LTD.]
Direct Link  https://www.tokyokeiso.co.jp/english/index.html
Logo KEISO - TOKYO KEISO CO.,LTD.

O36ESC0151F Datasheet(HTML) 4 Page - TOKYO KEISO CO.,LTD.

  O36ESC0151F Datasheet HTML 1Page - TOKYO KEISO CO.,LTD. O36ESC0151F Datasheet HTML 2Page - TOKYO KEISO CO.,LTD. O36ESC0151F Datasheet HTML 3Page - TOKYO KEISO CO.,LTD. O36ESC0151F Datasheet HTML 4Page - TOKYO KEISO CO.,LTD. O36ESC0151F Datasheet HTML 5Page - TOKYO KEISO CO.,LTD. O36ESC0151F Datasheet HTML 6Page - TOKYO KEISO CO.,LTD. O36ESC0151F Datasheet HTML 7Page - TOKYO KEISO CO.,LTD. O36ESC0151F Datasheet HTML 8Page - TOKYO KEISO CO.,LTD. O36ESC0151F Datasheet HTML 9Page - TOKYO KEISO CO.,LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
O3000 Series ORIFLOMETER®
TG-F1169-E00
4
TOKYO KEISO CO., LTD.
■ MATERIALS (GENERAL TYPE)
Description
Class 1
Class 2
Class 3
Measuring tube
Screw connection
SCS14
Flange connection
(JIS-10K)
Size: 40 A or less
SUS304
SUS304
SUS316
Size: 50 A or more
SS400/SGP
Wafer connection
(JIS-10K)
Size: 200 A or less
SCS14
Size: 200 A or less
SCS14
Size: 200 A or less
SCS14
Size: 250 A or more
SS400
Size: 250 A or more
SUS304
Size: 250 A or more
SUS316
Orifice plate
SUS304
SUS304
SUS316
Valve part body/axis
SCS14/SUS316
Indicator
Body
SUS304
SUS304
SUS316
Float
SUS316/PTFE
Case
ADC12
Coupling
SCS14
Strainer
SUS304
SUS304
SUS316
1/2” pipes
SUS304
SUS304
SUS316
1/2” tees
SCS13
SCS13
SCS14
Plug
SUS304
SUS304
SUS316
Half union
SUS316
Pipeline
SUS304
SUS304
SUS316
Gasket
NBR, FPM, or EPDM
NBR, FPM, or EPDM
NBR, FPM, or EPDM
Abbreviation for materials
NBR
: Nitrile butadiene rubber
FPM
: Fluoro carbon rubber
EPDM : Ethylene propylene rubber
■ TEMPERATURE RANGE (GENERAL TYPE)
Fluid temperature range [°C]
Indicator
Explosion-proof
0 to 120
Internal tube type
Non-explosion-proof, intrinsic safety, flameproof
-20 to 120
External tube type
Non-explosion-proof, intrinsic safety
Maximum fluid temperature [°C]
Gasket material
80
NBR
80
EPDM
120
FPM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com