Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

O36ESC0151F Datasheet(PDF) 1 Page - TOKYO KEISO CO.,LTD.

Part # O36ESC0151F
Description  ORIFLOMETER®
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEISO [TOKYO KEISO CO.,LTD.]
Direct Link  https://www.tokyokeiso.co.jp/english/index.html
Logo KEISO - TOKYO KEISO CO.,LTD.

O36ESC0151F Datasheet(HTML) 1 Page - TOKYO KEISO CO.,LTD.

  O36ESC0151F Datasheet HTML 1Page - TOKYO KEISO CO.,LTD. O36ESC0151F Datasheet HTML 2Page - TOKYO KEISO CO.,LTD. O36ESC0151F Datasheet HTML 3Page - TOKYO KEISO CO.,LTD. O36ESC0151F Datasheet HTML 4Page - TOKYO KEISO CO.,LTD. O36ESC0151F Datasheet HTML 5Page - TOKYO KEISO CO.,LTD. O36ESC0151F Datasheet HTML 6Page - TOKYO KEISO CO.,LTD. O36ESC0151F Datasheet HTML 7Page - TOKYO KEISO CO.,LTD. O36ESC0151F Datasheet HTML 8Page - TOKYO KEISO CO.,LTD. O36ESC0151F Datasheet HTML 9Page - TOKYO KEISO CO.,LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
O3000 Series
ORIFLOMETER®
■ GENERAL
The
O3000 flowmeter consists of an orifice plate and a metal tube
variable area flowmeter (AM3000). It is designed to measure bypass
flow by using a small flowmeter attached to the branch pipe, and
thus to enable the measurement of flow rates in large pipes at low
cost. The indicators are selectable from the local indication type,
electric transmitter type, and electric transmitter type with HART
®
communication.
■ FEATURES
Cost effective
The measuring method using an orifice plate enables the
measurement of flow rates in medium- to large-size main pipes at
low cost.
● Omni-direction support (except O3
□□□- AP)
Supports all directions from bottom to top, top to bottom, left to
right, and right to left.
● HART® communication
● Explosion-proof
Certified by TIIS, KOSHA, NEPSI, ATEX and IECEx.
● Indicator protection category: IP67
■ STANDARD SPECIFICATIONS
● Measured fluid
: liquids (up to viscosity 3 mPa.s)
and gases in general (not suitable
for slurry and steam)
● Main pipe size
: 15 A (1/2") to 300 A (12")
Contact us for 350 A or more.
● Process connection
Screw connection
: Rc tapered female thread and NPT
female thread, pipe size: 15 A (1/2")
to 100 A (4")
Flange connection
: JIS5KFF/10KFF·RF/20KRF, ANSI/
ASME/JPI class:150/300RF, pipe
size: 15 A (1/2") to 300 A (12")
Wafer connection
: JIS5K/10K/20K, ANSI/ASME/JPI
class: 150/300, pipe size: 15 A
(1/2") to 300 A (12")
Contact us for specifications other than the above.
● Fluid temperature
: −20°C to 120°C (general type), or
−20°C to 200°C (high-temperature
type)
● Fluid pressure
: up to 2 MPa
● Maximum differential pressure : 30 kPa (standard) for liquids, or 40
kPa (standard) for gases
● Indication accuracy
:
±5% F.S.
● Rangeability (scale range)
: 10 : 2
● Indicator protection category : IP67
● Paint color
Painted part
Color
Measuring tube (only for carbon steel)
Indicator body
Jade green
(Munsell 7.5 BG4/1.5)
Indicator cover
Transmitter
Light gray
(Munsell N7.5)
TG-F1169-E00
Sep 2019
1st edition
K


Similar Description - O36ESC0151F

ManufacturerPart #DatasheetDescription
logo
Nuvoton Technology Corp...
M0A21 NUVOTON-M0A21_V01 Datasheet
8Mb / 212P
NuMicro® Family Arm® Cortex®-M0-based Microcontroller
Rev 1.02
M480 NUVOTON-M480_V02 Datasheet
12Mb / 525P
NuMicro® Family Arm® 32-bit Cortex®-M4 Microcontroller
Rev 3.03
logo
Advantech Co., Ltd.
SOM-7532 ADVANTECH-SOM-7532 Datasheet
468Kb / 2P
Intel® Pentium®/Celeron® and Atom® x6000 Series Processors (Code Name: Elkhart Lake) COM Express® Mini Type10
19-Aug-2022
logo
Nuvoton Technology Corp...
M254 NUVOTON-M254 Datasheet
8Mb / 256P
NuMicro® Family Arm® 32-bit Cortex®-M23 Microcontroller
Rev 1.01 / Nov. 12, 2021
logo
Advantech Co., Ltd.
SKY-TESL-A100-80P ADVANTECH-SKY-TESL-A100-80P Datasheet
205Kb / 1P
NVIDIA® Tesla® A100 80GB
13-Sep-2022
SKY-TESL-A40-48P ADVANTECH-SKY-TESL-A40-48P Datasheet
202Kb / 1P
NVIDIA® Tesla® A40
19-Sep-2022
SKY-TESL-H100 ADVANTECH-SKY-TESL-H100 Datasheet
157Kb / 1P
NVIDIA® Tesla® H100
26-Oct-2022
logo
BCM Advanced Research.
ECM-APL BCM-ECM-APL Datasheet
594Kb / 2P
Intel® Pentium®/Celeron®/Atom® SoC Processor 3.5” Micro Module SBC
2021/02/23
EPX-EHLP BCM-EPX-EHLP Datasheet
122Kb / 2P
Intel® Pentium®/Celeron® Elkhart Lake Pico-ITX Motherboard
2021/08/22
logo
AAEON Technology
VPC-3350S AAEON-VPC-3350S Datasheet
576Kb / 2P
Multi-PoE & Fanless Appliance with Intel® Pentium®/ Celeron®/ Atom® Processor
2023/04/28
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com