Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

O36ESC0151F Datasheet(PDF) 2 Page - TOKYO KEISO CO.,LTD.

Part # O36ESC0151F
Description  ORIFLOMETER®
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEISO [TOKYO KEISO CO.,LTD.]
Direct Link  https://www.tokyokeiso.co.jp/english/index.html
Logo KEISO - TOKYO KEISO CO.,LTD.

O36ESC0151F Datasheet(HTML) 2 Page - TOKYO KEISO CO.,LTD.

  O36ESC0151F Datasheet HTML 1Page - TOKYO KEISO CO.,LTD. O36ESC0151F Datasheet HTML 2Page - TOKYO KEISO CO.,LTD. O36ESC0151F Datasheet HTML 3Page - TOKYO KEISO CO.,LTD. O36ESC0151F Datasheet HTML 4Page - TOKYO KEISO CO.,LTD. O36ESC0151F Datasheet HTML 5Page - TOKYO KEISO CO.,LTD. O36ESC0151F Datasheet HTML 6Page - TOKYO KEISO CO.,LTD. O36ESC0151F Datasheet HTML 7Page - TOKYO KEISO CO.,LTD. O36ESC0151F Datasheet HTML 8Page - TOKYO KEISO CO.,LTD. O36ESC0151F Datasheet HTML 9Page - TOKYO KEISO CO.,LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
O3000 Series ORIFLOMETER®
TG-F1169-E00
2
TOKYO KEISO CO., LTD.
■ MAXIMUM FLOW RATE BY MAIN PIPE SIZE
Main pipe size
(JIS)
Flow rate of water in m
3/h
(density 1.0g/cm
3, viscosity 1.0 mPa·s)
Flow rate of air in m
3/h (normal) at 0°C, 1 atm
Diff. pressure: 30 kPa
Diff. pressure: 50 kPa
Diff. pressure: 40 kPa
Diff. pressure: 50 kPa
15A
1/2B
0.27
to
1.8
0.27
to
2.3
5.5
to
53
5.9
to
59
20A
3/4B
0.35
to
4
0.38
to
5.1
9
to
110
9.8
to
130
25A
1B
0.46
to
6.8
0.58
to
8.8
14
to
200
15
to
220
32A
1 1/4B
0.75
to
11
0.96
to
14
23
to
330
26
to
360
40A
1 1/2B
1
to
15
1.3
to
20
31
to
450
34
to
500
50A
2B
1.7
to
25
2.1
to
32
49
to
730
54
to
800
65A
2 1/2B
2.7
to
41
3.4
to
53
81
to
1200
89
to
1300
80A
3B
3.6
to
58
4.6
to
75
110
to
1700
120
to
1800
100A
4B
6
to
99
7.7
to
120
190
to
2900
210
to
3100
125A
5B
9.2
to
150
13
to
190
280
to
4500
310
to
4900
150A
6B
14
to
210
18
to
270
400
to
6300
440
to
6900
200A
8B
24
to
360
30
to
470
680
to
11000
750
to
11000
250A
10B
35
to
570
45
to
740
1100
to
16000
1200
to
18000
300A
12B
50
to
820
64
to
1000
1500
to
24000
1700
to
26000
The maximum flow range can be set within the range specified for each main pipe according to the size.
Note 1: The above values are based on the condition when an SGP pipe (JIS G 3452 Carbon steel pipes for ordinary piping) is used for the main
pipe. When using other pipes, multiply the above value by the value obtained by (inside diameter of pipe to be used
/ inside diameter of
SGP pipe)
2.
Inside diameter of SGP pipe
Main pipe size
50A
65A
80A
100A
125A
150A
200A
250A
300A
350A
400A
450A
500A
2B
2 1/2B
3B
4B
5B
6B
8B
10B
12B
14B
16B
18B
20B
Inside diameter (mm)
52.9
67.9
80.7
105.3
130.8
155.2
204.7
254.2
304.7
339.8
390.6
441.4
492.2
Note 2: The maximum flow range is based on the flow rate of water of 1.0g/cm
3 density and 1.0 mPa·s viscosity. When measuring liquids of
other density, calculate the value equivalent to water by the following formula and refer to the above table:
QW:Flow rate equivalent to water
Q :Flow rate of the measured liquid
ρ
o :Density of the measured liquid in g/cm
3
QW = Q×
ρ
o × 6.31
7.31‒ρ
o
Note 3: The maximum flow range is based on the flow rate of air at 0°C, 1 atm. When measuring gases in other conditions, calculate the value
equivalent to air at 0°C, 1 atm by the following formula and refer to the above table.
ρ:Density of the measured gas [kg/m3 (normal)]
Ct:Conversion factor for the temperature
Cρ=
ρ
1.293
t:Temperature of the measured gas [
°C]
Cp:Conversion factor for pressure
Ct=
273+t
273
p:Pressure of the measured gas [MPa]
Cp=
0.1013
0.1013+p
QA :Flow rate equivalent to air
Q :Flow rate of the measured gas
Cρ :Conversion factor for density
QA = Q×Cρ×Ct×Cp



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com