Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

O36ESC0151F Datasheet(PDF) 9 Page - TOKYO KEISO CO.,LTD.

Part # O36ESC0151F
Description  ORIFLOMETER®
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEISO [TOKYO KEISO CO.,LTD.]
Direct Link  https://www.tokyokeiso.co.jp/english/index.html
Logo KEISO - TOKYO KEISO CO.,LTD.

O36ESC0151F Datasheet(HTML) 9 Page - TOKYO KEISO CO.,LTD.

Back Button O36ESC0151F Datasheet HTML 5Page - TOKYO KEISO CO.,LTD. O36ESC0151F Datasheet HTML 6Page - TOKYO KEISO CO.,LTD. O36ESC0151F Datasheet HTML 7Page - TOKYO KEISO CO.,LTD. O36ESC0151F Datasheet HTML 8Page - TOKYO KEISO CO.,LTD. O36ESC0151F Datasheet HTML 9Page - TOKYO KEISO CO.,LTD. O36ESC0151F Datasheet HTML 10Page - TOKYO KEISO CO.,LTD. O36ESC0151F Datasheet HTML 11Page - TOKYO KEISO CO.,LTD. O36ESC0151F Datasheet HTML 12Page - TOKYO KEISO CO.,LTD. O36ESC0151F Datasheet HTML 13Page - TOKYO KEISO CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
O3000 Series ORIFLOMETER®
TG-F1169-E00
TOKYO KEISO CO., LTD.
9
■ DIMENSIONS (HIGH TEMPERATURE TYPE)
L
(A)
49
(85)
(A)
35
49
(B)
L
(A)
49
(85)
Indicator: local indication
Flow direction: vertical (bottom to top)
Indicator: local indication
Flow direction: horizontal (left to right)
Indicator: electric transmitter, non-explosion-proof, intrinsic safety
Flow direction: horizontal (left to right)
Main pipe
size
L
*1
(A)
(B)
50A
540
163
207
65A
540
171
215
80A
540
178
221
100A
540
190
234
125A
540
203
246
150A
540
216
259
200A
540
241
285
250A
620
267
310
300A
690
292
336
*1 For JIS10K flange rating.
Contact us for the top-to-bottom flow direction.
Main pipe
size
L
*1
(A)
50A
540
163
65A
540
171
80A
540
178
100A
540
190
125A
540
203
150A
540
216
200A
540
286
250A
620
312
300A
690
357
*1 For JIS10K flange rating.
The above dimensions also apply to the
right-to-left flow direction.
Main pipe
size
L
*1
(A)
50A
540
272
65A
540
280
80A
540
286
100A
540
299
125A
540
312
150A
540
374
200A
540
400
250A
620
426
300A
690
451
*1 For JIS10K flange rating.
The above dimensions also apply to the
right-to-left flow direction.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com