Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

O36ESC0151F Datasheet(PDF) 10 Page - TOKYO KEISO CO.,LTD.

Part # O36ESC0151F
Description  ORIFLOMETER®
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEISO [TOKYO KEISO CO.,LTD.]
Direct Link  https://www.tokyokeiso.co.jp/english/index.html
Logo KEISO - TOKYO KEISO CO.,LTD.

O36ESC0151F Datasheet(HTML) 10 Page - TOKYO KEISO CO.,LTD.

Back Button O36ESC0151F Datasheet HTML 5Page - TOKYO KEISO CO.,LTD. O36ESC0151F Datasheet HTML 6Page - TOKYO KEISO CO.,LTD. O36ESC0151F Datasheet HTML 7Page - TOKYO KEISO CO.,LTD. O36ESC0151F Datasheet HTML 8Page - TOKYO KEISO CO.,LTD. O36ESC0151F Datasheet HTML 9Page - TOKYO KEISO CO.,LTD. O36ESC0151F Datasheet HTML 10Page - TOKYO KEISO CO.,LTD. O36ESC0151F Datasheet HTML 11Page - TOKYO KEISO CO.,LTD. O36ESC0151F Datasheet HTML 12Page - TOKYO KEISO CO.,LTD. O36ESC0151F Datasheet HTML 13Page - TOKYO KEISO CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
O3000 Series ORIFLOMETER®
TG-F1169-E00
10
TOKYO KEISO CO., LTD.
■ INDICATOR FUNCTIONS
● Local indication
Ambient temperature
: -30 to 80°C
43
46
154
154
(53)
(79)
Dimensions of the indicator
Internal tube type
Approx. mass: 1.1 kg
Fluid temperature: 0 to 149°C
External tube type
Approx. mass: 1.2 kg
Fluid temperature: -20 to 200°C
● Local indication + electric transmitter
● Local indication + electric transmitter + HART communication
Power supply voltage
: 10 to 30 V DC between transmitter terminals
10 to 28V DC for intrinsically safe circuits
Current output
: 4 to 20 mA DC
Effective output range from 4.0 to 21.6 mA, or 22.8 mA under abnormal conditions (3.75 mA also available as an
option)
Allowable load resistance
: 830
Ω or less for electric transmitter (580Ω or less/24 V DC)
230 to 830
Ω for electric transmitter + HART communication
(Load resistance of 230
Ω or more is required for HART communication.)
The allowable load resistance for each power supply voltage can be determined by following formula:
Allowable load resistance
≤ (power supply voltage [V] − 10)/0.024 [Ω] (including the resistance value for the
circuit wiring)
Output accuracy
:
±1.0% F.S. (against the flow scale)
Temperature change effect : 10
μA/°C
Low cut off
: 0 to 20% (7% F.S. by default)
Damping
: 0 to 20s (1s by default)
Cable entry
: Non-explosion-proof / intrinsic safety : M20
×1.5, G1/2, NPT1/2, water-proof connector
Flameproof
: M20
×1.5, NPT1/2, packing type cable gland
Note: Use the EXPC-16B flameproof cable gland by Shimada Electric Co. for the TIIS-certified flameproof type.
The diameter of the cable gland attached to our products is
φ6 to φ12 (φ10 to φ12 as standard).
Transmitter structure
: Protection category
: IP67
Intrinsic safety
: Ex ia IIC T3/T4
(temperature class : T4 for TIIS-certified products, T1 to T6 for NEPSI-certified products)
Flameproof
: Ex d IIC T3 to T6
(temperature class : T4 for TIIS-certified products, T3 to T4 for NEPSI-certified products)
Ambient temperature
: Non-explosion-proof
: −20 to 70°C
Intrinsic safety
: −20 to 60°C
Flameproof
: −20 to 55°C for TIIS-certified products, or −20 to 60°C for other certified
products
Insulation resistance
: 20 M
Ω or more/500 V DC (between the power supply batch terminal and the indicator case)
Withstand voltage
: 500 V AC/1 min. (between the power supply batch terminal and the indicator case)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com