Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

O36ESC0151F Datasheet(PDF) 11 Page - TOKYO KEISO CO.,LTD.

Part # O36ESC0151F
Description  ORIFLOMETER®
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEISO [TOKYO KEISO CO.,LTD.]
Direct Link  https://www.tokyokeiso.co.jp/english/index.html
Logo KEISO - TOKYO KEISO CO.,LTD.

O36ESC0151F Datasheet(HTML) 11 Page - TOKYO KEISO CO.,LTD.

Back Button O36ESC0151F Datasheet HTML 5Page - TOKYO KEISO CO.,LTD. O36ESC0151F Datasheet HTML 6Page - TOKYO KEISO CO.,LTD. O36ESC0151F Datasheet HTML 7Page - TOKYO KEISO CO.,LTD. O36ESC0151F Datasheet HTML 8Page - TOKYO KEISO CO.,LTD. O36ESC0151F Datasheet HTML 9Page - TOKYO KEISO CO.,LTD. O36ESC0151F Datasheet HTML 10Page - TOKYO KEISO CO.,LTD. O36ESC0151F Datasheet HTML 11Page - TOKYO KEISO CO.,LTD. O36ESC0151F Datasheet HTML 12Page - TOKYO KEISO CO.,LTD. O36ESC0151F Datasheet HTML 13Page - TOKYO KEISO CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
O3000 Series ORIFLOMETER®
TG-F1169-E00
TOKYO KEISO CO., LTD.
11
154
219
28.5
(36.5)
154
219
28.5
(36.5)
(53)
(79)
43
46
43
88
154
237
34.5
(48.5)
Dimensions of the indicator
 Internal tube type : non-explosion-proof / intrinsic safety (approx. mass: 1.3 kg, fluid temperature: 0 to 149°C)
 External tube type : non-explosion-proof / intrinsic safety (approx. mass: 1.5 kg, fluid temperature: -20 to 200°C)
 Internal tube type : flameproof (approx. mass: 2.3 kg, fluid temperature: 0 to 149°C)
A
E
2-M4
● Terminal and wiring
 Non-explosion-proof / intrinsic safety type
Flameproof type
Bare wire: 0.20 to 2.5 mm2
Rod terminal: 0.25 to 2.5 mm2
A
E
Load
resistance
Power
supply
Power
supply
Load
resistance



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com