Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

O36ESC0151F Datasheet(PDF) 5 Page - TOKYO KEISO CO.,LTD.

Part # O36ESC0151F
Description  ORIFLOMETER®
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEISO [TOKYO KEISO CO.,LTD.]
Direct Link  https://www.tokyokeiso.co.jp/english/index.html
Logo KEISO - TOKYO KEISO CO.,LTD.

O36ESC0151F Datasheet(HTML) 5 Page - TOKYO KEISO CO.,LTD.

  O36ESC0151F Datasheet HTML 1Page - TOKYO KEISO CO.,LTD. O36ESC0151F Datasheet HTML 2Page - TOKYO KEISO CO.,LTD. O36ESC0151F Datasheet HTML 3Page - TOKYO KEISO CO.,LTD. O36ESC0151F Datasheet HTML 4Page - TOKYO KEISO CO.,LTD. O36ESC0151F Datasheet HTML 5Page - TOKYO KEISO CO.,LTD. O36ESC0151F Datasheet HTML 6Page - TOKYO KEISO CO.,LTD. O36ESC0151F Datasheet HTML 7Page - TOKYO KEISO CO.,LTD. O36ESC0151F Datasheet HTML 8Page - TOKYO KEISO CO.,LTD. O36ESC0151F Datasheet HTML 9Page - TOKYO KEISO CO.,LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
O3000 Series ORIFLOMETER®
TG-F1169-E00
TOKYO KEISO CO., LTD.
5
■ DIMENSIONS (GENERAL TYPE)
57.8
(82)
(A)
49
(A)
49
35
L
L
57.8
(82)
35
Screw connection, main pipe size: 15 A to 50 A
Indicator: local indication
Screw connection, main pipe size: 65A to 100 A
Indicator: local indication
Main pipe
size
L(A)
*1
Approx.
mass
*2
(kg)
15A
70
203
3.8
20A
70
205
3.8
25A
70
209
3.9
32A
74
217
4.1
40A
85
220
4.3
50A
90
228
4.8
*1 40 mm shorter without the valve part.
Mass of valve part: approx. 0.4kg
100 mm longer for the electric transmitter type.
*2 Including the local indicator and valve part.
Main pipe
size
L(A)
*1
Approx.
mass
*2
(kg)
65A
120
273
5.6
80A
120
280
6.2
100A
160
295
9.6
*1 40 mm shorter without the valve part.
Mass of valve part: approx. 0.4kg
100 mm longer for the electric transmitter type.
*2 Including the local indicator and valve part.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com