Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PSD813F1 Datasheet(PDF) 80 Page - STMicroelectronics

Part # PSD813F1
Description  Flash In-System Programmable ISP Peripherals For 8-bit MCUs
PDF  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PSD813F1 Datasheet(HTML) 80 Page - STMicroelectronics

Back Button PSD813F1 Datasheet HTML 76Page - STMicroelectronics PSD813F1 Datasheet HTML 77Page - STMicroelectronics PSD813F1 Datasheet HTML 78Page - STMicroelectronics PSD813F1 Datasheet HTML 79Page - STMicroelectronics PSD813F1 Datasheet HTML 80Page - STMicroelectronics PSD813F1 Datasheet HTML 81Page - STMicroelectronics PSD813F1 Datasheet HTML 82Page - STMicroelectronics PSD813F1 Datasheet HTML 83Page - STMicroelectronics PSD813F1 Datasheet HTML 84Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 120 page
background image
PSD813F1-A
Preliminary
76
Symbol
Parameter
Condition
Min
Max
Unit
TSTG
Storage Temperature
PLDCC
– 65
+ 125
°C
Commercial
0
+ 70
°C
Operating Temperature
Industrial
– 40
+ 85
°C
Voltage on any Pin
With Respect to GND
– 0.6
+ 7
V
V
PP
Device Programmer
Supply Voltage
With Respect to GND
– 0.6
+ 14
V
VCC
Supply Voltage
With Respect to GND
– 0.6
+ 7
V
ESD Protection
>2000
V
Absolute
Maximum
Ratings
NOTE: Stresses above those listed under Absolute Maximum Ratings may cause permanent
damage to the device. This is a stress rating only and functional operation of the device at
these or any other conditions above those indicated in the operational sections of this
specification is not recommended. Exposure to Absolute Maximum Rating conditions for
extended periods of time may affect device reliability.
Symbol
Parameter
Condition
Min
Typ
Max
Unit
VCC
Supply Voltage
All Speeds
4.5
5
5.5
V
VCC
Supply Voltage
V-Versions
3.0
3.6
V
All Speeds
Recommended
Operating
Conditions
Range
Temperature
VCC Tolerance
Commercial
0° C to +70°C
+ 5 V ± 10%
Industrial
–40° C to +85°C
+ 5 V ± 10%
Commercial
0° C to +70°C
3 V to 3.6 V
Industrial
–40° C to +85°C
3 V to 3.6 V
Operating
Range



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com