Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PSD813F1 Datasheet(PDF) 93 Page - STMicroelectronics

Part # PSD813F1
Description  Flash In-System Programmable ISP Peripherals For 8-bit MCUs
PDF  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PSD813F1 Datasheet(HTML) 93 Page - STMicroelectronics

Back Button PSD813F1 Datasheet HTML 89Page - STMicroelectronics PSD813F1 Datasheet HTML 90Page - STMicroelectronics PSD813F1 Datasheet HTML 91Page - STMicroelectronics PSD813F1 Datasheet HTML 92Page - STMicroelectronics PSD813F1 Datasheet HTML 93Page - STMicroelectronics PSD813F1 Datasheet HTML 94Page - STMicroelectronics PSD813F1 Datasheet HTML 95Page - STMicroelectronics PSD813F1 Datasheet HTML 96Page - STMicroelectronics PSD813F1 Datasheet HTML 97Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 93 / 120 page
background image
Preliminary
PSD813F1-A
89
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
tNLNH
Warm RESET Active Low Time (Note 1)
150
ns
tOPR
RESET High to Operational Device
120
ns
tNLNH-PO
Power On Reset Active Low Time
1ms
(Note 2)
Reset Timing (5 V ± 10%)
NOTE: 1. tCLCL is the CLKIN clock period.
Microcontroller Interface – PSD813F1 AC/DC Parameters
(5V ± 10% Versions)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
tBVBH
Vstby Detection to Vstbyon Output High
20
µs
tBXBL
Vstby Off Detection to Vstbyon
Output Low
20
µs
Vstbyon Timing (5 V ± 10%)
-90
-12
-15
Symbol
Parameter
Conditions
Min
Max
Min
Max
Min
Max
Unit
tLVDV
ALE Access Time from
Power Down
90
120
150
ns
Maximum Delay from
tCLWH
APD Enable to Internal
Using CLKIN Input
15
* tCLCL (Note 1)
µs
PDN Valid Signal
Power Down Timing (5 V ± 10%)
NOTE: 1. RESET will not reset Flash or EEPROM programming/erase cycles.
2. tNLNH-PO is 10 ms for devices manufactured before rev. A.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com