Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PSD813F1 Datasheet(PDF) 31 Page - STMicroelectronics

Part # PSD813F1
Description  Flash In-System Programmable ISP Peripherals For 8-bit MCUs
PDF  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PSD813F1 Datasheet(HTML) 31 Page - STMicroelectronics

Back Button PSD813F1 Datasheet HTML 27Page - STMicroelectronics PSD813F1 Datasheet HTML 28Page - STMicroelectronics PSD813F1 Datasheet HTML 29Page - STMicroelectronics PSD813F1 Datasheet HTML 30Page - STMicroelectronics PSD813F1 Datasheet HTML 31Page - STMicroelectronics PSD813F1 Datasheet HTML 32Page - STMicroelectronics PSD813F1 Datasheet HTML 33Page - STMicroelectronics PSD813F1 Datasheet HTML 34Page - STMicroelectronics PSD813F1 Datasheet HTML 35Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 120 page
background image
Preliminary
PSD813F1-A
27
The
PSD813F1
Functional
Blocks
(cont.)
9.1.1.8 Erasing Flash Memory
9.1.1.8.1. Flash Bulk Erase Instruction
The Flash Bulk Erase instruction uses six write operations followed by a Read operation of
the status register, as described in Table 9. If any byte of the Bulk Erase instruction is wrong,
the Bulk Erase instruction aborts and the device is reset to the Read Flash memory status.
During a Bulk Erase, the memory status may be checked by reading status bits DQ5, DQ6,
and DQ7, as detailed in section 9.1.1.7. The Error bit (DQ5) returns a ‘1’ if there has been
an Erase Failure (maximum number of erase cycles have been executed).
It is not necessary to program the array with 00h because the PSD813F1 will automatically
do this before erasing to 0FFh.
During execution of the Bulk Erase instruction, the Flash memory will not accept any
instructions.
9.1.1.8.2 Flash Sector Erase Instruction
The Sector Erase instruction uses six write operations, as described in Table 9. Additional
Flash Sector Erase confirm commands and Flash sector addresses can be written
subsequently to erase other Flash sectors in parallel, without further coded cycles, if the
additional instruction is transmitted in a shorter time than the timeout period of about
100 µs. The input of a new Sector Erase instruction will restart the time-out period.
The status of the internal timer can be monitored through the level of DQ3 (Erase time-out
bit). If DQ3 is ‘0’, the Sector Erase instruction has been received and the timeout is
counting. If DQ3 is ‘1’, the timeout has expired and the PSD813F1 is busy erasing the Flash
sector(s). Before and during Erase timeout, any instruction other than Erase suspend and
Erase Resume will abort the instruction and reset the device to Read Array mode. It is not
necessary to program the Flash sector with 00h as the PSD813F1 will do this automatically
before erasing (byte=FFh).
During a Sector Erase, the memory status may be checked by reading status bits DQ5,
DQ6, and DQ7, as detailed in section 9.1.1.7.
During execution of the erase instruction, the Flash block logic accepts only Reset and
Erase Suspend instructions. Erasure of one Flash sector may be suspended, in order to
read data from another Flash sector, and then resumed.
9.1.1.8.3 Flash Erase Suspend Instruction
When a Flash Sector Erase operation is in progress, the Erase Suspend instruction will
suspend the operation by writing 0B0h to any address when an appropriate Chip Select
(FSi) is true. (See Table 9). This allows reading of data from another Flash sector after the
Erase operation has been suspended. Erase suspend is accepted only during the Flash
Sector Erase instruction execution and defaults to read array mode. An Erase Suspend
instruction executed during an Erase timeout will, in addition to suspending the erase,
terminate the time out.
The Toggle Bit DQ6 stops toggling when the PSD813F1 internal logic is suspended. The
toggle Bit status must be monitored at an address within the Flash sector being erased. The
Toggle Bit will stop toggling between 0.1 µs and 15 µs after the Erase Suspend instruction
has been executed. The PSD813F1 will then automatically be set to Read Flash Block
Memory Array mode.
If an Erase Suspend instruction was executed, the following rules apply:
• Attempting to read from a Flash sector that was being erased will output invalid data.
• Reading from a Flash sector that was not being erased is valid.
• The Flash memory cannot be programmed, and will only respond to Erase Resume
and Reset instructions (read is an operation and is OK).
• If a Reset instruction is received, data in the Flash sector that was being erased will
be invalid.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com