Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PSD813F1 Datasheet(PDF) 95 Page - STMicroelectronics

Part # PSD813F1
Description  Flash In-System Programmable ISP Peripherals For 8-bit MCUs
PDF  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PSD813F1 Datasheet(HTML) 95 Page - STMicroelectronics

Back Button PSD813F1 Datasheet HTML 91Page - STMicroelectronics PSD813F1 Datasheet HTML 92Page - STMicroelectronics PSD813F1 Datasheet HTML 93Page - STMicroelectronics PSD813F1 Datasheet HTML 94Page - STMicroelectronics PSD813F1 Datasheet HTML 95Page - STMicroelectronics PSD813F1 Datasheet HTML 96Page - STMicroelectronics PSD813F1 Datasheet HTML 97Page - STMicroelectronics PSD813F1 Datasheet HTML 98Page - STMicroelectronics PSD813F1 Datasheet HTML 99Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 95 / 120 page
background image
Preliminary
PSD813F1-A
91
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VCC
Supply Voltage
All Speeds
3.0
3.6
V
VIH
High Level Input Voltage
3.0 V < VCC < 3.6 V
.7 VCC
VCC +.5
V
VIL
Low Level Input Voltage
3.0 V < VCC < 3.6 V
–.5
0.8
V
VIH1
Reset High Level Input Voltage
(Note 1)
.8 VCC
VCC +.5
V
VIL1
Reset Low Level Input Voltage
(Note 1)
–.5
.2 VCC –.1
V
VHYS
Reset Pin Hysteresis
0.3
V
VLKO
VCC Min for Flash Erase and Program
1.5
2.2
V
VOL
Output Low Voltage
IOL = 20 µA, VCC = 3.0 V
0.01
0.1
V
IOL = 4 mA, VCC = 3.0 V
0.15
0.45
V
VOH
Output High Voltage Except VSTBY On
IOH = –20 µA, VCC = 3.0 V
2.9
2.99
V
IOH = –1 mA, VCC = 3.0 V
2.7
2.8
V
VOH
1
Output High Voltage VSTBY On
IOH
1
= 1 µA
VSBY – 0.8
V
VSBY
SRAM Standby Voltage
2.0
VCC
V
ISBY
SRAM Standby Current
VCC = 0 V
0.5
1
µA
IIDLE
Idle Current (VSTBY Pin)
VCC > VSBY
–0.1
0.1
µA
VDF
SRAM Data Retention Voltage
Only on VSTBY
2V
ISB
Standby Supply Current
CSI >VCC –0.3 V (Note 2)
25
100
µA
for Power Down Mode
ILI
Input Leakage Current
VSS < VIN < VCC
–1
±.1
1
µA
ILO
Output Leakage Current
0.45 < VIN > VCC
–10
± 5
10
µA
ZPLD_TURBO = OFF,
f = 0 MHz (Note 3)
0mA
ZPLD Only
ZPLD_TURBO = ON,
ICC (DC)
Operating
f = 0 MHz
200
400
µA/PT
(Note 3)
Supply Current
During FLASH or
FLASH or EEPROM
EEPROM Write/Erase Only
10
25
mA
Read Only, f = 0 MHz
0
0
mA
SRAM
f = 0 MHz
0
0
mA
ZPLD AC Adder
Figure 34a
ICC (AC)
FLASH or
(Note 3)
EEPROM
1.5
2.0
mA/MHz
AC Adder
SRAM AC Adder
0.8
1.5
mA/MHz
PSD813F1V DC Characteristics (3.0 V to 3.6 V Versions)
NOTES: 1. Reset input has hysteresis. VIL1 is valid at or below .2VCC –.1. VIH1 is valid at or above .8VCC.
2. CSI deselected or internal PD is active.
3. IOUT = 0 mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com