Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PSD813F1 Datasheet(PDF) 84 Page - STMicroelectronics

Part # PSD813F1
Description  Flash In-System Programmable ISP Peripherals For 8-bit MCUs
PDF  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PSD813F1 Datasheet(HTML) 84 Page - STMicroelectronics

Back Button PSD813F1 Datasheet HTML 80Page - STMicroelectronics PSD813F1 Datasheet HTML 81Page - STMicroelectronics PSD813F1 Datasheet HTML 82Page - STMicroelectronics PSD813F1 Datasheet HTML 83Page - STMicroelectronics PSD813F1 Datasheet HTML 84Page - STMicroelectronics PSD813F1 Datasheet HTML 85Page - STMicroelectronics PSD813F1 Datasheet HTML 86Page - STMicroelectronics PSD813F1 Datasheet HTML 87Page - STMicroelectronics PSD813F1 Datasheet HTML 88Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 120 page
background image
PSD813F1-A
Preliminary
80
NOTE: 1. Reset input has hysteresis. VIL1 is valid at or below .2VCC –.1. VIH1 is valid at or above .8VCC.
2. CSI deselected or internal Power Down mode is active.
3. PLD is in non-turbo mode and none of the inputs are switching
4. Refer to Figure 32 for PLD current calculation.
5. IOUT = 0 mA
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VCC
Supply Voltage
All Speeds
4.5
5
5.5
V
VIH
High Level Input Voltage
4.5 V < VCC < 5.5 V
2
VCC +.5
V
VIL
Low Level Input Voltage
4.5 V < VCC < 5.5 V
–.5
0.8
V
VIH1
Reset High Level Input Voltage
(Note 1)
.8 VCC
VCC +.5
V
VIL1
Reset Low Level Input Voltage
(Note 1)
–.5
.2 VCC –.1
V
VHYS
Reset Pin Hysteresis
0.3
V
VLKO
VCC Min for Flash Erase and Program
2.5
4.2
V
VOL
Output Low Voltage
IOL = 20 µA, VCC = 4.5 V
0.01
0.1
V
IOL = 8 mA, VCC = 4.5 V
0.25
0.45
V
VOH
Output High Voltage Except VSTBY On
IOH = –20 µA, VCC = 4.5 V
4.4
4.49
V
IOH = –2 mA, VCC = 4.5 V
2.4
3.9
V
VOH
1
Output High Voltage VSTBY On
IOH
1
= 1 µA
VSBY – 0.8
V
VSBY
SRAM Standby Voltage
2.0
VCC
V
ISBY
SRAM Standby Current (VSTBY Pin)
VCC = 0 V
0.5
1
µA
IIDLE
Idle Current (VSTBY Pin)
VCC > VSBY
–0.1
0.1
µA
VDF
SRAM Data Retention Voltage
Only on VSTBY
2V
ISB
Standby Supply Current for Power
CSI > VCC –0.3 V
50
200
µA
Down Mode
(Notes 2 and 3)
ILI
Input Leakage Current
VSS < VIN < VCC
–1
±.1
1
µA
ILO
Output Leakage Current
0.45 < VIN < VCC
–10
± 5
10
µA
ZPLD_TURBO = OFF,
0mA
f = 0 MHz (Note 5)
ZPLD Only
ZPLD_TURBO = ON,
f = 0 MHz
400
700
µA/PT
ICC (DC)
Operating Supply
During Flash or EEPROM,
(Note 5)
Current
Flash or
Write/Erase Only
15
30
mA
EEPROM
Read Only, f = 0 MHz
0
0
mA
SRAM
f = 0 MHz
0
0
mA
ZPLD AC Adder
Fig. 33
ICC (AC)
(Note 4)
(Note 5)
FLASH or EEPROM AC Adder
2.5
3.5
mA/MHz
SRAM AC Adder
1.5
3.0
mA/MHz
PSD813F1 DC Characteristics (5 V ± 10% Versions)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com