Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PSD813F1 Datasheet(PDF) 34 Page - STMicroelectronics

Part # PSD813F1
Description  Flash In-System Programmable ISP Peripherals For 8-bit MCUs
PDF  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PSD813F1 Datasheet(HTML) 34 Page - STMicroelectronics

Back Button PSD813F1 Datasheet HTML 30Page - STMicroelectronics PSD813F1 Datasheet HTML 31Page - STMicroelectronics PSD813F1 Datasheet HTML 32Page - STMicroelectronics PSD813F1 Datasheet HTML 33Page - STMicroelectronics PSD813F1 Datasheet HTML 34Page - STMicroelectronics PSD813F1 Datasheet HTML 35Page - STMicroelectronics PSD813F1 Datasheet HTML 36Page - STMicroelectronics PSD813F1 Datasheet HTML 37Page - STMicroelectronics PSD813F1 Datasheet HTML 38Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 120 page
background image
PSD813F1-A
Preliminary
30
Level 1
SRAM, I /O, or
Peripheral I /O
Level 2
EEPROM Memory
Highest Priority
Lowest Priority
Level 3
Flash Memory
Figure 7. Priority Level of Memory and I/O Components
9.1.3.1. Memory Select Configuration for MCUs with Separate Program and Data Spaces
The 8031 and compatible family of microcontrollers, which includes the 80C51, 80C151,
80C251, 80C51XA, and the C500 family, have separate address spaces for code memory
(selected using PSEN) and data memory (selected using RD). Any of the memories within
the PSD813F1 can reside in either space or both spaces. This is controlled through manip-
ulation of the VM register that resides in the PSD’s CSIOP space.
The VM register is set using PSDsoft to have an initial value. It can subsequently be
changed by the microcontroller so that memory mapping can be changed on-the-fly.
For example, I may wish to have SRAM and Flash in Data Space at boot, and EEPROM in
Program Space at boot, and later swap EEPROM and Flash. This is easily done with
the VM register by using PSDsoft to configure it for boot up and having the microcontroller
change it when desired.
Table 13 describes the VM Register.
Bit 7
Bit 6* Bit 5*
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
PIO_EN
FL_Data EE_Data
FL_Code
EE_Code SRAM_Code
0 = disable
**
0 = RD
0 = RD
0 = PSEN
0 = PSEN
0 = PSEN
PIO mode
can’t
can’t
can’t
can’t
can’t
access
access
access
access
access
Flash
EEPROM
Flash
EEPROM
SRAM
1= enable
**
1 = RD
1 = RD
1 = PSEN
1 = PSEN
1 = PSEN
PIO mode
access
access
access
access
access
Flash
EEPROM
Flash
EEPROM
SRAM
Table 13. VM Register
NOTE: Bits 6-5 are not used.
The
PSD813F1
Functional
Blocks
(cont.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com