Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PSD813F1 Datasheet(PDF) 91 Page - STMicroelectronics

Part # PSD813F1
Description  Flash In-System Programmable ISP Peripherals For 8-bit MCUs
PDF  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PSD813F1 Datasheet(HTML) 91 Page - STMicroelectronics

Back Button PSD813F1 Datasheet HTML 87Page - STMicroelectronics PSD813F1 Datasheet HTML 88Page - STMicroelectronics PSD813F1 Datasheet HTML 89Page - STMicroelectronics PSD813F1 Datasheet HTML 90Page - STMicroelectronics PSD813F1 Datasheet HTML 91Page - STMicroelectronics PSD813F1 Datasheet HTML 92Page - STMicroelectronics PSD813F1 Datasheet HTML 93Page - STMicroelectronics PSD813F1 Datasheet HTML 94Page - STMicroelectronics PSD813F1 Datasheet HTML 95Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 120 page
background image
Preliminary
PSD813F1-A
87
-90
-12
-15
Symbol
Parameter
Conditions
Min
Max
Min
Max
Min
Max
Unit
tLVLX
ALE or AS Pulse Width
20
22
28
tAVLX
Address Setup Time
(Note 1)
6
8
10
ns
tLXAX
Address Hold Time
(Note 1)
8
9
11
ns
tAVWL
Address Valid to Leading
Edge of WR
(Notes 1 and 3)
15
18
20
ns
t SLWL
CS Valid to Leading Edge of WR
(Note 3)
15
18
20
ns
t DVWH
WR Data Setup Time
(Note 3)
35
40
45
ns
t WHDX
WR Data Hold Time
(Note 3)
5
5
5
ns
t WLWH
WR Pulse Width
(Note 3)
35
40
45
ns
tWHAX
1
Trailing Edge of WR to Address
Invalid
(Note 3)
8
9
10
ns
tWHAX
2
Trailing Edge of WR to DPLD
Address Input Invalid
(Notes 3 and 6)
0
0
0
ns
tWHPV
Trailing Edge of WR to Port Output
Valid Using I/O Port Data Register
(Note 3)
30
35
38
ns
tWLMV
WR Valid to Port Output Valid Using
Micro
⇔Cell Register Preset/Clear
(Notes 3 and 4)
55
60
65
ns
Data Valid to Port Output Valid
tDVMV
Using Micro
⇔Cell Register
(Notes 3 and 5)
55
60
65
ns
Preset/Clear
tAVPV
Address Input Valid to Address
(Note 2)
25
28
30
ns
Output Delay
Write, Erase and Program Timing (5 V ± 10% Versions)
NOTES: 1.
Any input used to select an internal PSD813F function.
2.
In multiplexed mode, latched addresses generated from ADIO delay to address output on any Port.
3.
WR timing has the same timing as E, LDS, UDS, WRL, and WRH signals.
4.
Assuming data is stable before active write signal.
5.
Assuming write is active before data becomes valid.
6.
Address Hold Time for DPLD inputs that are used to generate chip selects for internal PSD memory.
Microcontroller Interface – PSD813F1 AC/DC Parameters
(5V ± 10% Versions)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com