Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PSD813F1 Datasheet(PDF) 81 Page - STMicroelectronics

Part # PSD813F1
Description  Flash In-System Programmable ISP Peripherals For 8-bit MCUs
PDF  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PSD813F1 Datasheet(HTML) 81 Page - STMicroelectronics

Back Button PSD813F1 Datasheet HTML 77Page - STMicroelectronics PSD813F1 Datasheet HTML 78Page - STMicroelectronics PSD813F1 Datasheet HTML 79Page - STMicroelectronics PSD813F1 Datasheet HTML 80Page - STMicroelectronics PSD813F1 Datasheet HTML 81Page - STMicroelectronics PSD813F1 Datasheet HTML 82Page - STMicroelectronics PSD813F1 Datasheet HTML 83Page - STMicroelectronics PSD813F1 Datasheet HTML 84Page - STMicroelectronics PSD813F1 Datasheet HTML 85Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 81 / 120 page
background image
Preliminary
PSD813F1-A
77
AC/DC
Parameters
The following tables describe the AD/DC parameters of the PSD813F1 family:
t DC Electrical Specification
t AC Timing Specification
• PLD Timing
– Combinatorial Timing
– Synchronous Clock Mode
– Asynchronous Clock Mode
– Input Micro
⇔Cell Timing
• Microcontroller Timing
– Read Timing
– Write Timing
– Peripheral Mode Timing
– Power Down and Reset Timing
Following are issues concerning the parameters presented:
t In the DC specification the supply current is given for different modes of operation.
Before calculating the total power consumption, determine the percentage of time that
the PSD813F1 is in each mode. Also, the supply power is considerably different if the
Turbo bit is "OFF".
t The AC power component gives the PLD, EPROM, and SRAM mA/MHz specification.
Figures 33 and 33a show the PLD mA/MHz as a function of the number of Product
Terms (PT) used.
t In the PLD timing parameters, add the required delay when Turbo bit is "OFF".
Figure 33. PLD ICC /FrequencyConsumption (VCC = 5 V ± 10%)
0
10
20
30
40
60
70
80
90
100
110
VCC = 5V
50
010
15
5
20
25
HIGHEST COMPOSITE FREQUENCY AT PLD INPUTS (MHz)
TURBO
ON
(100%)
TURBO
ON
(25%)
TURBO
OFF
PT 100%
PT 25%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com