Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PSD813F1 Datasheet(PDF) 111 Page - STMicroelectronics

Part # PSD813F1
Description  Flash In-System Programmable ISP Peripherals For 8-bit MCUs
PDF  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PSD813F1 Datasheet(HTML) 111 Page - STMicroelectronics

Back Button PSD813F1 Datasheet HTML 107Page - STMicroelectronics PSD813F1 Datasheet HTML 108Page - STMicroelectronics PSD813F1 Datasheet HTML 109Page - STMicroelectronics PSD813F1 Datasheet HTML 110Page - STMicroelectronics PSD813F1 Datasheet HTML 111Page - STMicroelectronics PSD813F1 Datasheet HTML 112Page - STMicroelectronics PSD813F1 Datasheet HTML 113Page - STMicroelectronics PSD813F1 Datasheet HTML 114Page - STMicroelectronics PSD813F1 Datasheet HTML 115Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 111 / 120 page
background image
Preliminary
PSD813F1-A
107
Symbol
Parameter 1
Conditions Typical2 Max Unit
CIN
Capacitance (for input pins only)
VIN = 0 V
4
6
pF
COUT
Capacitance (for input/output pins)
VOUT = 0 V
8
12
pF
CVPP
Capacitance (for CNTL2/VPP)VPP = 0 V
18
25
pF
NOTES: 1. These parameters are only sampled and are not 100% tested.
2. Typical values are for TA = 25°C and nominal supply voltages.
TA = 25 °C, f = 1 MHz
Pin Capacitance
Figure 47.
AC Testing
Input/Output
Waveform
Figure 48.
AC Testing
Load Circuit
Programming
3.0V
0V
TEST POINT
1.5V
DEVICE
UNDER TEST
2.01 V
195
Ω
C
L = 30 pF
(INCLUDING
SCOPE AND JIG
CAPACITANCE)
Upon delivery from ST, the PSD813F device has all bits in the PLDs and memories in the
“1” or high state. The configuration bits are in the “0” or low state. The code, configuration,
and PLDs logic are loaded through the procedure of programming.
Information for programming the device is available directly from ST. Please contact your
local sales representative. (See the last page.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com