Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DLB22-R11XY Datasheet(PDF) 9 Page - Hylec-APL Ltd. All rights reserved.

Part # DLB22-R11XY
Description  Control Stations & Enclosures
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYLEC [Hylec-APL Ltd. All rights reserved.]
Direct Link  https://www.hylec-apl.com/
Logo HYLEC - Hylec-APL Ltd. All rights reserved.

DLB22-R11XY Datasheet(HTML) 9 Page - Hylec-APL Ltd. All rights reserved.

Back Button DLB22-R11XY Datasheet HTML 5Page - Hylec-APL Ltd. All rights reserved. DLB22-R11XY Datasheet HTML 6Page - Hylec-APL Ltd. All rights reserved. DLB22-R11XY Datasheet HTML 7Page - Hylec-APL Ltd. All rights reserved. DLB22-R11XY Datasheet HTML 8Page - Hylec-APL Ltd. All rights reserved. DLB22-R11XY Datasheet HTML 9Page - Hylec-APL Ltd. All rights reserved. DLB22-R11XY Datasheet HTML 10Page - Hylec-APL Ltd. All rights reserved. DLB22-R11XY Datasheet HTML 11Page - Hylec-APL Ltd. All rights reserved. DLB22-R11XY Datasheet HTML 12Page - Hylec-APL Ltd. All rights reserved. DLB22-R11XY Datasheet HTML 13Page - Hylec-APL Ltd. All rights reserved. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 35 page
background image
16
MAKING THE RIGHT CONNECTIONS
T: +44 (0)1933 234400 F: +44 (0)1933 234411 E: sales@hylec-apl.com W: www.hylec-apl.com
17
Control Stations & Enclosures
DE Enclosures - No Hole
Deep Base - 78mm
Cable Glands - Grey
Cable Glands - Black
DIN Rail Clip
Flange Bracket
Product
Code
IP
Rating
Colour
Material
Size H
(mm)
W
(mm)
D
(mm)
Temp Rating
Description
DE04D-A-BB-0 IP67
Black/ Black
ABS-UL94-HB
DE04D 80 172
78
DE04D-A-GG-0 IP67
Grey/ Grey
ABS-UL94-HB
DE04D 80 172
78
DE04D-A-BG-0 IP67
Black /Grey
ABS-UL94-HB
DE04D 80 172
78
DE04D-A-GB-0 IP67
Grey/ Black
ABS-UL94-HB
DE04D 80 172
78
DE04D-A-TB-0 IP67 Transparent/ Black
ABS-UL94-HB
DE04D 80 172
78
DE04D-A-TG-0 IP67 Transparent/ Grey
ABS-UL94-HB
DE04D 80 172
78
DE04D-P-BB-0 IP67
Black/ Black
Polycarbonate
DE04D 80 172
78
DE04D-P-GG-0 IP67
Grey/ Grey
Polycarbonate
DE04D 80 172
78
DE04D-A-BG-0 IP67
Black /Grey
Polycarbonate
DE04D 80 172
78
DE04D-A-GB-0 IP67
Grey/ Black
Polycarbonate
DE04D 80 172
78
DE04D-P-TB-0 IP67 Transparent/ Black
Polycarbonate
DE04D 80 172
78
DE04D-P-TG-0 IP67 Transparent/ Grey
Polycarbonate
DE04D 80 172
78
DECGG
IP68
RAL7035
Polyamide 6
M20 39.2 10 3.5 to 8 -40C TO + 100C
Fits all sizes of enclosures, m20 x 1.5mm
thread glands
DECGB
IP68
RAL9005
Polyamide 6
M20 39.2 10 3.5 to 8 -40C TO + 100C
Fits all sizes of enclosures, m20 x 1.5mm
thread glands
DEDB
N/A
Black
PA66 UL94-V0
Flame Retardant
N/A
Snap-On combi foot DIN rail mounting
bracket in black PA66 fits DE01-DE06
DEDG
N/A
Grey
PA66 UL94-V0
Flame Retardant
N/A
Snap-On combi foot DIN rail mounting
bracket in grey PA66 fits DE01-DE06
DEFB
N/A
Black
PA66 UL94-V0
Flame Retardant
N/A
Snap-On mounting bracket in black
PA66 fits DE01-DE06 2x M3 fixing holes
DEFG
N/A
Grey
PA66 UL94-V0
Flame Retardant
N/A
Snap-On mounting bracket in grey PA66
fits DE01-DE06 2x M3 fixing holes
Accessories
Blank Door Enclosures
Transparent Door Enclosures
Product
Code
IP
Rating
Colour
Material
Size H
(mm)
W
(mm)
D
(mm)
Temp Rating
Description
DED001
IP65
Ral 7035
ABS-HB
300 200
130
–20° to +85°
Lockable, with steel back plate*
DED002
IP65
Ral 7035
ABS-HB
350 250
150
–20° to +85°
Lockable, with steel back plate*
DED004
IP65
Ral 7035
ABS-HB
400 300
170
–20° to +85°
Lockable, with steel back plate*
DED005
IP65
Ral 7035
ABS-HB
400 300
220
–20° to +85°
Lockable, with steel back plate*
DED006
IP65
Ral 7035
ABS-HB
500 350
190
–20° to +85°
Lockable, with steel back plate*
DED007
IP65
Ral 7035
ABS-HB
500 400
240
–20° to +85°
Lockable, with steel back plate*
DED008
IP65
Ral 7035
ABS-HB
600 400
200
–20° to +85°
Lockable, with steel back plate*
DED010
IP65
Ral 7035
ABS-HB
700 500
250
–20° to +85°
Lockable, with steel back plate*
Door Enclosure Features:
• Available in 8 sizes
• Made from UL approved ABS-HB Flame
Retardant plastic
• Designed to meet protection and combustible
standards IP65 and IK08
• Comes complete with steel back plate and
mounting brackets
• Supplied in grey (RAL 7035) body with solid or
transparent door
• Suitable for use in sea salt air conditions and dry
dust environments
• Temperature range of –20° to +85°
DED011
IP65
Ral 7035/
Transparent Door
ABS-HB Body/
Polycarbonate Door
300 200
130
–20° to +85°
Lockable, with steel back plate*
DED012
IP65
Ral 7035/
Transparent Door
ABS-HB Body/
Polycarbonate Door
350 250
150
–20° to +85°
Lockable, with steel back plate*
DED014
IP65
Ral 7035/
Transparent Door
ABS-HB Body/
Polycarbonate Door
400 300
170
–20° to +85°
Lockable, with steel back plate*
DED015
IP65
Ral 7035/
Transparent Door
ABS-HB Body/
Polycarbonate Door
400 300
220
–20° to +85°
Lockable, with steel back plate*
DED016
IP65
Ral 7035/
Transparent Door
ABS-HB Body/
Polycarbonate Door
500 350
190
–20° to +85°
Lockable, with steel back plate*
DED017
IP65
Ral 7035/
Transparent Door
ABS-HB Body/
Polycarbonate Door
500 400
240
–20° to +85°
Lockable, with steel back plate*
DED018
IP65
Ral 7035/
Transparent Door
ABS-HB Body/
Polycarbonate Door
600 400
200
–20° to +85°
Lockable, with steel back plate*
DED020
IP65
Ral 7035/
Transparent Door
ABS-HB Body/
Polycarbonate Door
700 500
250
–20° to +85°
Lockable, with steel back plate*
* Galvanised steel resistant to corrosion



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com