Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DLB22-R11XY Datasheet(PDF) 12 Page - Hylec-APL Ltd. All rights reserved.

Part # DLB22-R11XY
Description  Control Stations & Enclosures
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYLEC [Hylec-APL Ltd. All rights reserved.]
Direct Link  https://www.hylec-apl.com/
Logo HYLEC - Hylec-APL Ltd. All rights reserved.

DLB22-R11XY Datasheet(HTML) 12 Page - Hylec-APL Ltd. All rights reserved.

Back Button DLB22-R11XY Datasheet HTML 8Page - Hylec-APL Ltd. All rights reserved. DLB22-R11XY Datasheet HTML 9Page - Hylec-APL Ltd. All rights reserved. DLB22-R11XY Datasheet HTML 10Page - Hylec-APL Ltd. All rights reserved. DLB22-R11XY Datasheet HTML 11Page - Hylec-APL Ltd. All rights reserved. DLB22-R11XY Datasheet HTML 12Page - Hylec-APL Ltd. All rights reserved. DLB22-R11XY Datasheet HTML 13Page - Hylec-APL Ltd. All rights reserved. DLB22-R11XY Datasheet HTML 14Page - Hylec-APL Ltd. All rights reserved. DLB22-R11XY Datasheet HTML 15Page - Hylec-APL Ltd. All rights reserved. DLB22-R11XY Datasheet HTML 16Page - Hylec-APL Ltd. All rights reserved. Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 35 page
background image
22
MAKING THE RIGHT CONNECTIONS
T: +44 (0)1933 234400 F: +44 (0)1933 234411 E: sales@hylec-apl.com W: www.hylec-apl.com
23
Weatherproof
Teeplugs
TH405 Series
TH406 Series - Panel Mount
Product Code
Poles
IP Rating
Colour
Material
Ø
(mm)
L
(mm)
Max Conductor
Size (mm)
Max Current (A)
Max Voltage (V)
Description
THB.405.A2B
3
68
Black
Nylon 66
36.5
74
2.5
25
400
Plug
THB.405.A2A
5
68
Black
Nylon 66
36.5
74
1.5
16
400
Plug
THB.405.A2E
6
68
Black
Nylon 66
36.5
74
1.5
16
400
Plug
THB.405.B2B
3
68
Black
Nylon 66
36.5
70
2.5
25
400
Socket
THB.405.B2A
5
68
Black
Nylon 66
36.5
70
1.5
16
400
Socket
THB.405.B2E
6
68
Black
Nylon 66
36.5
70
1.5
16
400
Socket
THB.405.A2B-KIT
3
68
Black
Nylon 66
36.5
130
2.5
25
400
Plug & Socket Kit complete with assy tool
THB.405.RPDKIT
5
68
Black
Nylon 66
36.5
130
1.5
16
400
Plug & Socket Kit complete with assy tool
600012200
3
3 pole assy tool
600009600
5
5 pole assy tool
6DB00750C
6
Black
Nylon 66
Combined 6 pole assy tool and dust cap
THB.406.A1B
3
68
Black
Nylon 66
39.5
40
2.5
25
400
Chassis mounting plug supplied complete with anti vibration locknut.
Mates to TH405 series power socket
THB.406.A1A
5
68
Black
Nylon 66
39.5
40
1.5
16
400
Chassis mounting plug supplied complete with anti vibration locknut.
Mates to TH405 series power socket
THB.406.A1E
6
68
Black
Nylon 66
39.5
40
1.5
16
400
Chassis mounting plug supplied complete with anti vibration locknut.
Mates to TH405 series power socket



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com