Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DLB22-R11XY Datasheet(PDF) 17 Page - Hylec-APL Ltd. All rights reserved.

Part # DLB22-R11XY
Description  Control Stations & Enclosures
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYLEC [Hylec-APL Ltd. All rights reserved.]
Direct Link  https://www.hylec-apl.com/
Logo HYLEC - Hylec-APL Ltd. All rights reserved.

DLB22-R11XY Datasheet(HTML) 17 Page - Hylec-APL Ltd. All rights reserved.

Back Button DLB22-R11XY Datasheet HTML 13Page - Hylec-APL Ltd. All rights reserved. DLB22-R11XY Datasheet HTML 14Page - Hylec-APL Ltd. All rights reserved. DLB22-R11XY Datasheet HTML 15Page - Hylec-APL Ltd. All rights reserved. DLB22-R11XY Datasheet HTML 16Page - Hylec-APL Ltd. All rights reserved. DLB22-R11XY Datasheet HTML 17Page - Hylec-APL Ltd. All rights reserved. DLB22-R11XY Datasheet HTML 18Page - Hylec-APL Ltd. All rights reserved. DLB22-R11XY Datasheet HTML 19Page - Hylec-APL Ltd. All rights reserved. DLB22-R11XY Datasheet HTML 20Page - Hylec-APL Ltd. All rights reserved. DLB22-R11XY Datasheet HTML 21Page - Hylec-APL Ltd. All rights reserved. Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 35 page
background image
32
MAKING THE RIGHT CONNECTIONS
T: +44 (0)1933 234400 F: +44 (0)1933 234411 E: sales@hylec-apl.com W: www.hylec-apl.com
33
Weatherproof
Weatherproof Range Accessories
IP68 Gel Filled Connectors
Weatherproof Range Accessories
5625 Series
5630 Series
5633 Series
5665 Series
Alternative Inserts For Use With Tee Products
Product Code
Suitable for
product types
Poles
Description
600009600
TH405
5 pole assembly tool
600012200
TH405
3 pole assembly tool
6DB00200C
TH384, TH385,TH386*
Dust Cap c/w silicon strap. *Also acts as a locking tool for TH386, Black
6DB00750C
TH405
Combined 6 pole assy tool and cap
6000194CC
TH209 and TH211
Support plate for use with terminal blocks TH026 or TH027 when mounted in these junction boxes
6000183C
TH384, TH385, TH386
Dust cap only
6DB0900C
TH405, TH406
Dust cap complete with silicon belt
6000069CC
TH405, TH406
Dust cap only
Product Code
IP
Rating
Poles
Terminal
type
Colour Material
Cable
Entries
H
(mm)
W
(mm)
L
(mm)
Max Cable
Diameter (mm)
Max Conductor
Size (mm)
Max
Current (A)
Max
Voltage (V)
5625////1121
68
3
Screw
Orange Nylon 66-RV
4
24
45
95
6.5 to 12
4
16
250
5625/415/1121
68
4
Screw
Orange Nylon 66-RV
4
24
45
95
6.5 to 12
1.5
16
250
5630//////26
68
2
Screw
Black
Nylon 66-RV
2
22
37
45
5.3 to 8.5
1.5
16
250
5633//////86
68
3
Screw
Grey
Nylon 66-RV
2
30
39
45
5.8 to 10.5
1.5
16
250
5633/4/86
68
4
Screw
Grey
Nylon 66-RV
2
30
39
45
5.8 to 10.5
1.5
16
250
5633/6/86
68
6
Solder
White
Nylon 66-RV
2
30
39
45
5.8 to 10.5
0.5
250
5665
68
2
Screw
Orange Nylon 66-RV
2
17.5 18
40
4.8 to 6
.5
250
Features:
• Patented memory Gel
• Can be rewired without renewal of internal Gel
• IP68 Protection as standard
• Supplied complete with connector
• Ideal for external connection applications
• The products can be buried without moisture ingress
problems
• Up to 16 Amp current capability, depending on product.
5625 Series
5630 Series
5665 Series
5625 Series
6DB000800
Not for use with
TH110, TH112
TH200, TH382
TH384, TH385
TH386, TH388
Double Yellow seal, cable range 5-13.5mm dia
64001800
Yellow seal, cable range 9-13.5mm dia
6000087LF
Reducing insert cap, Hole dia 9mm
600012500
2 Hole Insert, 3.5mm dia
600012600
3 Hole Insert, 3.5mm dia
600018200
4 Hole Insert, 3.5mm dia
60013700
Blind insert
6000086MH
TH384, TH385, TH386
Green Seal single hole for cable dia 4-6mm
6000085MM
TH384, TH385, TH386
Blue Seal single hole for cable dia 6-7.5mm
6000084MG
TH384, TH385, TH386
Yellow Seal single hole for cable dia 7.5-9.5mm
6000091MA
TH384, TH385, TH386
White Seal blanking plug
6000114MA
TH384, TH385, TH386
White Seal 2 hole dia 2mm
6000089MA
TH384, TH385, TH386
White Seal 2 hole dia 3.5mm
6000090MA
TH384, TH385, TH386
White Seal 1 hole dia 2mm
6000106MA
TH384, TH385, TH386
White Seal 3 hole dia 3.5mm
6000113MA
TH384, TH385, TH386
White Seal 4 hole dia 2mm
6000040LF
TH384, TH385, TH386
Green blanking cap
6000042LF
TH384, TH385, TH386
Green reducing adapter, 6mm Dia hole
6000041LF
TH384, TH385, TH386
Green reducing adapter, 7.5mm Dia hole



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com