Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DLB22-R11XY Datasheet(PDF) 23 Page - Hylec-APL Ltd. All rights reserved.

Part # DLB22-R11XY
Description  Control Stations & Enclosures
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYLEC [Hylec-APL Ltd. All rights reserved.]
Direct Link  https://www.hylec-apl.com/
Logo HYLEC - Hylec-APL Ltd. All rights reserved.

DLB22-R11XY Datasheet(HTML) 23 Page - Hylec-APL Ltd. All rights reserved.

Back Button DLB22-R11XY Datasheet HTML 19Page - Hylec-APL Ltd. All rights reserved. DLB22-R11XY Datasheet HTML 20Page - Hylec-APL Ltd. All rights reserved. DLB22-R11XY Datasheet HTML 21Page - Hylec-APL Ltd. All rights reserved. DLB22-R11XY Datasheet HTML 22Page - Hylec-APL Ltd. All rights reserved. DLB22-R11XY Datasheet HTML 23Page - Hylec-APL Ltd. All rights reserved. DLB22-R11XY Datasheet HTML 24Page - Hylec-APL Ltd. All rights reserved. DLB22-R11XY Datasheet HTML 25Page - Hylec-APL Ltd. All rights reserved. DLB22-R11XY Datasheet HTML 26Page - Hylec-APL Ltd. All rights reserved. DLB22-R11XY Datasheet HTML 27Page - Hylec-APL Ltd. All rights reserved. Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 35 page
background image
44
MAKING THE RIGHT CONNECTIONS
T: +44 (0)1933 234400 F: +44 (0)1933 234411 E: sales@hylec-apl.com W: www.hylec-apl.com
45
Cable Glands
IP68 Nylon Metric Perfect
Features:
• Upto IP68 at 5Bar
• Includes PG/ Metric Perfect Range where Sealing
range and dome nut dimensions are identical to
pg - series
• Reducing cable range versions included
• PA6 V0 Options Avaliable
• Temp Rating of -20C to +100C
Krallen Cable Gland:
Conus Simple & Multiple Sealing Ring
Favorit Nylon Cable Glands:
Metric Nylon Cable Glands For Flat Cable:
Other Styles Of Gland Are Avaliable
Features:
• IP65 rated
• Polyamide PA6 GF30
• Sizes M12-M40
• Temp Rating of -30C to +100C
• Cable Range 4-6mm to 18-24mm
Features:
• IP65 rated
• Polyamide PA6 GF30
• Sizes M12 - M63
• Temp Rating of -30C
To +80C
• RAL7035
• Simple Sealing ring
cable range 6-8mm
to 43-44mm
• Multiple sealing ring
cable range 4-8mm
to 35-45mm
Features:
• IP55 rated
• Polyamide PA6 GF30
• Sizes M12-M40
• Temp Rating of -30C to +80C
• Cable Range 5,5-7,5mm to 18-25mm
Features:
• IP55 rated
• Material Polyamide PA6 GF30
• Sizes M25-M63
• Temp Rating of -30C to +80C
• Cable range 5x15mm to 16x45mm
IP68 Metric Perfect Nylon Cable Gland
Part Code
Colour
Material
Size
H
(mm)
ØC
(mm)
K341-1016-00
Grey RAL7035
Polyamide PA6 V2
M16
38.5
5-10
K341-1020-00
Grey RAL7035
Polyamide PA6 V2
M20
42.5
8-13
K341-1025-00
Grey RAL7035
Polyamide PA6 V2
M25
48
11-17
K341-1016-01
Grey RAL7001
Polyamide PA6 V2
M16
38.5
5-10
K341-1020-01
Grey RAL7001
Polyamide PA6 V2
M20
42.5
8-13
K341-1025-01
Grey RAL7001
Polyamide PA6 V2
M25
48
11-17
K341-1016-02
Black RAL9005
Polyamide PA6 V2
M16
38.5
5-10
K341-1020-02
Black RAL9005
Polyamide PA6 V2
M20
42.5
8-13
K341-1025-02
Black RAL9005
Polyamide PA6 V2
M25
48
11-17
Features:
• IP68
• Temp range -20C to +100C
• Quick and easy installation without special tools
• Assemble from one side only - no separate
lock nut, saves time so saves money.
• Wall thickness 1-4mm
Kwik Fix IP68 Metric Cable Glands
IP68 Metric Perfect Nylon Cable Gland
Part Code
Colour
Material
Size
H
(mm)
L
(mm)
ØC
(mm)
50.612 PA7001
RAL7001 - Silver Grey
Nylon PA6
M12
31
8
3-6
50.616 PA7001
RAL7001 - Silver Grey
Nylon PA6
M16
35,5
8
5-10
50.620 PA7001
RAL7001 - Silver Grey
Nylon PA6
M20
36
8
8-13
50.625 PA7001
RAL7001 - Silver Grey
Nylon PA6
M25
43
8
11-17
50.632 PA7001
RAL7001 - Silver Grey
Nylon PA6
M32
50
10
15-21
50.640 PA7001
RAL7001 - Silver Grey
Nylon PA6
M40
51
10
19-28
50.650 PA7001
RAL7001 - Silver Grey
Nylon PA6
M50
61,5
12
27-35
50.663 PA7001
RAL7001 - Silver Grey
Nylon PA6
M63
65,5
12
32-42
50.612 PA7035
RAL7035 - Light Grey
Nylon PA6
M12
31
8
3-6
50.616 PA7035
RAL7035 - Light Grey
Nylon PA6
M16
35,5
8
5-10
50.620 PA7035
RAL7035 - Light Grey
Nylon PA6
M20
36
8
8-13
50.625 PA7035
RAL7035 - Light Grey
Nylon PA6
M25
43
8
11-17
50.632 PA7035
RAL7035 - Light Grey
Nylon PA6
M32
50
10
15-21
50.640 PA7035
RAL7035 - Light Grey
Nylon PA6
M40
51
10
19-28
50.650 PA7035
RAL7035 - Light Grey
Nylon PA6
M50
61,5
12
27-35
50.663 PA7035
RAL7035 - Light Grey
Nylon PA6
M63
65,5
12
32-42
50.612 PA/SW
RAL9005 - Black
Nylon PA6
M12
31
8
3-6
50.616 PA/SW
RAL9005 - Black
Nylon PA6
M16
35,5
8
5-10
50.620 PA/SW
RAL9005 - Black
Nylon PA6
M20
36
8
8-13
50.625 PA/SW
RAL9005 - Black
Nylon PA6
M25
43
8
11-17
50.632 PA/SW
RAL9005 - Black
Nylon PA6
M32
50
10
15-21
50.640 PA/SW
RAL9005 - Black
Nylon PA6
M40
51
10
19-28
50.650 PA/SW
RAL9005 - Black
Nylon PA6
M50
61,5
12
27-35
50.663 PA/SW
RAL9005 - Black
Nylon PA6
M63
65,5
12
32-42



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com