Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DLB22-R11XY Datasheet(PDF) 20 Page - Hylec-APL Ltd. All rights reserved.

Part # DLB22-R11XY
Description  Control Stations & Enclosures
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYLEC [Hylec-APL Ltd. All rights reserved.]
Direct Link  https://www.hylec-apl.com/
Logo HYLEC - Hylec-APL Ltd. All rights reserved.

DLB22-R11XY Datasheet(HTML) 20 Page - Hylec-APL Ltd. All rights reserved.

Back Button DLB22-R11XY Datasheet HTML 16Page - Hylec-APL Ltd. All rights reserved. DLB22-R11XY Datasheet HTML 17Page - Hylec-APL Ltd. All rights reserved. DLB22-R11XY Datasheet HTML 18Page - Hylec-APL Ltd. All rights reserved. DLB22-R11XY Datasheet HTML 19Page - Hylec-APL Ltd. All rights reserved. DLB22-R11XY Datasheet HTML 20Page - Hylec-APL Ltd. All rights reserved. DLB22-R11XY Datasheet HTML 21Page - Hylec-APL Ltd. All rights reserved. DLB22-R11XY Datasheet HTML 22Page - Hylec-APL Ltd. All rights reserved. DLB22-R11XY Datasheet HTML 23Page - Hylec-APL Ltd. All rights reserved. DLB22-R11XY Datasheet HTML 24Page - Hylec-APL Ltd. All rights reserved. Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 35 page
background image
38
MAKING THE RIGHT CONNECTIONS
T: +44 (0)1933 234400 F: +44 (0)1933 234411 E: sales@hylec-apl.com W: www.hylec-apl.com
39
Cable Glands
Metric Brass ATEX Explosion Proof
IP68 Perfect Nickel Plated Brass Explosion Proof Cable Glands
IP68 Perfect Emc Nickel Plated Brass Explosion Proof Cable Glands
IP68 Nickel Plated Brass EX Screw Plug
Product Code
Size
H
(mm)
L
(mm)
ØC
(mm)
50.612 M/L/EX
M12
30
10
3-6
50.616 M/L/EX
M16
34
10
5-9
50.620 M/L/EX
M20
37
10
9-13
50.625 M/L/EX
M25
40,5
11
11-16
50.632 M/L/EX
M32
43
13
14-21
50.640 M/L/EX
M40
46
13
19-27
50.650 M/L/EX
M50
52,5
14
24-35
50.663 M/L/EX
M63
58,5
14
32-42
50.663 M1/L/EX
M63
58,5
14
38-48
50.612 M/EMVLEX
M12
30
10
3-6
50.616 M/EMVLEX
M16
34
10
5-9
50.620 M/EMVLEX
M20
37
10
9-13
50.625 M/EMVLEX
M25
40,5
11
11-16
50.632 M/EMVLEX
M32
43
13
14-21
50.640 M/EMVLEX
M40
46
13
19-27
50.650 M/EMVLEX
M50
52,5
14
24-35
50.663 M/EMVLEX
M63
58,5
14
32-42
50.663 M1/EMVLEX
M63
58,5
14
38-48
IP68 Brass Explosion Proof Cable Glands
Accessories
Brass Explosion Proof Cable Glands:
• Brass CuZn39Pb3, nickel-plated
• IP68 to 5bar
• Temperature Rating of -20 to +80C
• Equipment group: II
• Category / Zone: 2G and 2D / 1, 2, 21, 22
Vibration Damage Reducing:
• Brass CuZn39Pb3, nickel-plated
• IP68
• Temperature Rating of -20 to +80C
• EMC Versions Avaliable
Accessories Features:
• Brass CuZn39Pb3, nickel-plated
• IP68
• Temperature Rating of -20 to +80C
Product Code
Size
H
(mm)
L
(mm)
10.1215 M/G/EX
M12
8
5
10.1615 M/G/EX
M16
9
6
10.2015 M/G/EX
M20
9,5
6,5
10.2515 M/G/EX
M25
11
7
10.3215 M/G/EX
M32
12
8
10.4015 M/G/EX
M40
12
8
10.5015 M/G/EX
M50
15
9
10.6315 M/G/EX
M63
16
10
Metric Nylon ATEX Explosion Proof
Brass Explosion Proof Cable Glands:
• Polyamide PA6
• IP66
• Equipment group: II
• Category / Zone: 2G and 2D / 1, 2, 21, 22
IP66 Perfect Nylon EX-Cable Gland - Black
IP66 Perfect Nylon EX-Cable Gland For Low Temperature - Black
IP66 Perfect Nylon EX-Cable Gland With RAL5015CAP - Black/Blue
IP66 Perfect Nylon EX-Cable Gland For Low Temperature With RAL5015CAP - Black/Blue
Product Code
Colour
Size
H
(mm)
L
(mm)
ØC
(mm)
Temp Rating
50.612 PASW/EX
RAL9005
M12
31
8
4-7
-30 to +70C
50.616 PASW/EX
RAL9005
M16
35,5
8
5,5-10
-30 to +70C
50.620 PASW/EX
RAL9005
M20
37
8
5,5-13
-30 to +70C
50.625 PASW/EX
RAL9005
M25
43
8
8-17
-30 to +70C
50.632 PASW/EX
RAL9005
M32
50
10
12-21
-30 to +70C
50.640 PASW/EX
RAL9005
M40
51
10
17-28
-30 to +70C
50.650 PASW/EX
RAL9005
M50
61,5
12
22-35
-30 to +70C
50.663 PASW/EX
RAL9005
M63
65,5
12
27-48
-30 to +70C
50.612 PASWEXSI
RAL9005
M12
31
8
4-7
-50 to +70C
50.616 PASWEXSI
RAL9005
M16
35,5
8
5,5-10
-50 to +70C
50.620 PASWEXSI
RAL9005
M20
37
8
5,5-13
-50 to +70C
50.625 PASWEXSI
RAL9005
M25
43
8
8-17
-50 to +70C
50.632 PASWEXSI
RAL9005
M32
50
10
12-21
-50 to +70C
50.640 PASWEXSI
RAL9005
M40
51
10
17-28
-50 to +70C
50.650 PASWEXSI
RAL9005
M50
61,5
12
22-35
-50 to +70C
50.663 PASWEXSI
RAL9005
M63
65,5
12
27-48
-50 to +70C
50.612 PABL/EX
RAL9005 + RAL5015 Cap
M12
31
8
4-7
-30 to +70C
50.616 PABL/EX
RAL9005 + RAL5015 Cap
M16
35,5
8
5,5-10
-30 to +70C
50.620 PABL/EX
RAL9005 + RAL5015 Cap
M20
37
8
5,5-13
-30 to +70C
50.625 PABL/EX
RAL9005 + RAL5015 Cap
M25
43
8
8-17
-30 to +70C
50.632 PABL/EX
RAL9005 + RAL5015 Cap
M32
50
10
12-21
-30 to +70C
50.640 PABL/EX
RAL9005 + RAL5015 Cap
M40
51
10
17-28
-30 to +70C
50.650 PABL/EX
RAL9005 + RAL5015 Cap
M50
61,5
12
22-35
-30 to +70C
50.663 PABL/EX
RAL9005 + RAL5015 Cap
M63
65,5
12
27-48
-30 to +70C
50.612 PABLEXSI
RAL9005 + RAL5015 Cap
M12
31
8
4-7
-50 to +70C
50.616 PABLEXSI
RAL9005 + RAL5015 Cap
M16
35,5
8
5,5-10
-50 to +70C
50.620 PABLEXSI
RAL9005 + RAL5015 Cap
M20
37
8
5,5-13
-50 to +70C
50.625 PABLEXSI
RAL9005 + RAL5015 Cap
M25
43
8
8-17
-50 to +70C
50.632 PABLEXSI
RAL9005 + RAL5015 Cap
M32
50
10
12-21
-50 to +70C
50.640 PABLEXSI
RAL9005 + RAL5015 Cap
M40
51
10
17-28
-50 to +70C
50.650 PABLEXSI
RAL9005 + RAL5015 Cap
M50
61,5
12
22-35
-50 to +70C
50.663 PABLEXSI
RAL9005 + RAL5015 Cap
M63
65,5
12
27-48
-50 to +70C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com