Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DLB22-R11XY Datasheet(PDF) 10 Page - Hylec-APL Ltd. All rights reserved.

Part # DLB22-R11XY
Description  Control Stations & Enclosures
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYLEC [Hylec-APL Ltd. All rights reserved.]
Direct Link  https://www.hylec-apl.com/
Logo HYLEC - Hylec-APL Ltd. All rights reserved.

DLB22-R11XY Datasheet(HTML) 10 Page - Hylec-APL Ltd. All rights reserved.

Back Button DLB22-R11XY Datasheet HTML 6Page - Hylec-APL Ltd. All rights reserved. DLB22-R11XY Datasheet HTML 7Page - Hylec-APL Ltd. All rights reserved. DLB22-R11XY Datasheet HTML 8Page - Hylec-APL Ltd. All rights reserved. DLB22-R11XY Datasheet HTML 9Page - Hylec-APL Ltd. All rights reserved. DLB22-R11XY Datasheet HTML 10Page - Hylec-APL Ltd. All rights reserved. DLB22-R11XY Datasheet HTML 11Page - Hylec-APL Ltd. All rights reserved. DLB22-R11XY Datasheet HTML 12Page - Hylec-APL Ltd. All rights reserved. DLB22-R11XY Datasheet HTML 13Page - Hylec-APL Ltd. All rights reserved. DLB22-R11XY Datasheet HTML 14Page - Hylec-APL Ltd. All rights reserved. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 35 page
background image
18
MAKING THE RIGHT CONNECTIONS
T: +44 (0)1933 234400 F: +44 (0)1933 234411 E: sales@hylec-apl.com W: www.hylec-apl.com
19
Weatherproof
IP68 TeeTube
Features:
• Tough, robust construction with large cable
range acceptance
• Straight through, T splitter and Y splitter
versions available
• Dual terminal versions available for easy fitting
and looping of conductors (2+2 and 3+3 poles)
• Temperature rating of –20° to +125°
Standard Series
TH390 Series
THB.399 Long Series
Product
Code
IP
Rating
Poles
Colour
Material
Cable
Entries
Insert Type
W
(mm)
Dia
(mm)
L
(mm)
Max Cable
Diameter (mm)
Max Conductor
Size (mm)
Max Current
(A)
Description
TTK20BK-SD
68 to 5Bar
3
Black
Nylon 66
2
Barrier
N/A
26.5
115
13
4
32
Standard black 3 pole Teetube supplied complete with mounting kit
TTK20GY-SD
68 to 5Bar
3
Grey
Nylon 66
2
Barrier
N/A
26.5
115
13
4
32
Standard grey 3 pole Teetube supplied complete with mounting kit
TTK20CR-BK
68 to 5Bar
3
Clear
Polycarbonate
2
Barrier
N/A
26.5
115
13
4
32
Clear tube, black glands 3 pole Teetube supplied complete with mounting kit
TTK25BK-SD
68 to 5Bar
5
Black
Nylon 66
2
Barrier
N/A
32
130
17
4
32
Standard black 5 pole Teetube supplied complete with mounting kit
TTK25GY-SD
68 to 5Bar
5
Grey
Nylon 66
2
Barrier
N/A
32
130
17
4
32
Standard grey 5 pole Teetube supplied complete with mounting kit
THB.390.A1B
68
2
Black
Nylon 66
2
Barrier
N/A
30
82
13.5
4
32
Miniature in-line cable connector
THB.390.A1A
68
3
Black
Nylon 66
2
Barrier
N/A
30
82
13.5
4
32
Miniature in-line cable connector
THB.390.C1B
68
2
Black
Nylon 66
3
Barrier
92
30
73
13.5
4
32
T Style Miniature cable splitter / connector
THB.390.C1A
68
3
Black
Nylon 66
3
Barrier
92
30
73
13.5
4
32
T Style Miniature cable splitter / connector
THB.399.A3A
68
3
Black
Nylon 66
3
Barrier
63
33
180
13.5
4
32
Y Style Cable splitter / connector, long tube
THB.399.A5A
68
5
Black
Nylon 66
3
Barrier
63
33
180
13.5
4
16
Y Style Cable splitter / connector, long tube
THB.399.A6A
68
6
Black
Nylon 66
3
Barrier
63
33
180
13.5
4
16
Y Style Cable splitter / connector, long tube
THB.399.A9B
68
3 + 3
Black
Nylon 66
3
Through
63
33
180
13.5
4
16
Y Style Cable splitter / connector, long tube
THB.399.D3A
68
3
Black
Nylon 66
3
Barrier
63
33
180
17.5
4
32
Y Style Cable splitter / connector, long tube
THB.399.D5A
68
5
Black
Nylon 66
3
Barrier
63
33
180
17.5
4
16
Y Style Cable splitter / connector, long tube
THB.399.D6A
68
6
Black
Nylon 66
3
Barrier
63
33
180
17.5
4
16
Y Style Cable splitter / connector, long tube
THB.399.D9B
68
3 + 3
Black
Nylon 66
3
Through
63
33
180
17.5
4
16
Y Style Cable splitter / connector, long tube
Dia
Dia
W
W
L
L
L
DDia
THB.399 Short Series
THB.402 Series
THB.399.E3A
68
3
Black
Nylon 66
3
Barrier
63
33
125
13.5
2.5
25
Miniature Y Style Cable splitter / connector
THB.402.C1B
68
5
Black
Nylon 66
3
Barrier
92
30
116
13.5
4
32
T Style Cable splitter / connector, long tube
THB.402.C1A
68
6
Black
Nylon 66
3
Barrier
92
30
116
13.5
4
32
T Style Cable splitter / connector, long tube
THB.402.C2E
68
3+3
Black
Nylon 66
3
Through
92
30
116
13.5
4
32
T Style Cable splitter / connector, long tube
THB.401 Series
THB.401.C1A
68
5
Black
Nylon 66
3
Barrier
92
30
121
17
4
32
T Style Cable splitter / connector, long tube
THB.401.C1D
68
6
Black
Nylon 66
3
Barrier
92
30
121
17
4
32
T Style Cable splitter / connector, long tube
THB.401.C2E
68
3+3
Black
Nylon 66
3
Through
92
30
121
17
4
32
T Style Cable splitter / connector, long tube



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com