Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DLB22-R11XY Datasheet(PDF) 34 Page - Hylec-APL Ltd. All rights reserved.

Part # DLB22-R11XY
Description  Control Stations & Enclosures
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYLEC [Hylec-APL Ltd. All rights reserved.]
Direct Link  https://www.hylec-apl.com/
Logo HYLEC - Hylec-APL Ltd. All rights reserved.

DLB22-R11XY Datasheet(HTML) 34 Page - Hylec-APL Ltd. All rights reserved.

Back Button DLB22-R11XY Datasheet HTML 27Page - Hylec-APL Ltd. All rights reserved. DLB22-R11XY Datasheet HTML 28Page - Hylec-APL Ltd. All rights reserved. DLB22-R11XY Datasheet HTML 29Page - Hylec-APL Ltd. All rights reserved. DLB22-R11XY Datasheet HTML 30Page - Hylec-APL Ltd. All rights reserved. DLB22-R11XY Datasheet HTML 31Page - Hylec-APL Ltd. All rights reserved. DLB22-R11XY Datasheet HTML 32Page - Hylec-APL Ltd. All rights reserved. DLB22-R11XY Datasheet HTML 33Page - Hylec-APL Ltd. All rights reserved. DLB22-R11XY Datasheet HTML 34Page - Hylec-APL Ltd. All rights reserved. DLB22-R11XY Datasheet HTML 35Page - Hylec-APL Ltd. All rights reserved.  
Zoom Inzoom in Zoom Outzoom out
 34 / 35 page
background image
66
MAKING THE RIGHT CONNECTIONS
T: +44 (0)1933 234400 F: +44 (0)1933 234411 E: sales@hylec-apl.com W: www.hylec-apl.com
67
Emech
Nylon Pillar Terminal Blocks
IP30 Plug & Socket Lighting Connectors
HYGST-30PSK
Black
3
Polyamide
UL94-V2
2.5
16
250
110 C Max
Plug and Socket including Covers
HYGST-3LPSK
Black
3
Polyamide
UL94-V2
2.5
16
250
110 C Max
Plug and Socket with latch
including Covers
HYGST-4LPSK
Black
4
Polyamide
UL94-V2
2.5
16
250
110 C Max
Plug and Socket with latch
including Covers
HYGST-5LPSK
Black
5
Polyamide
UL94-V2
2.5
16
250
110 C Max
Plug and Socket with latch
including Covers
12 way plug & Skt connector strip
Features:
• 12 way plug and socket terminal strip can be cut to pole lengths required
• IP 30 plg/skt connectors in 3,4 &5 pole with latch options for lighting applications
• Modular assembly allows rapid disconection/reconnection for testing and/or replacement units
• GST Style connectors VDE Approved to mate with Wieland and Adels equivalents
Product Code
Colour
Poles
Material
H
(mm)
W
(mm)
L
(mm)
Fixing
Hole (mm)
Pitch
(mm)
Flamibility
Rating
Max Conductor
Size (mm)
Max
Current (A)
Max
Voltage (V)
Temp Rating
Description
HYPS-01712
Natural
12
Polyamide
14
23
115
3.0
9.6
UL94-V2
2.5
17.5
250
110 C Max
Features:
• Temp range :-20 to 100°c
• Colour coded Thermoplastic 94-V2
• 2-8 way commoning blocks - Pushwire
• Moulded Dovetail for stacking.
• Push insertion and twist release and with test slot
Kwik Wire Connector
Product Code
Colour
Poles
H
(mm)
W
(mm)
L
(mm)
Max Conductor
Size (mm)
Max
Current (A)
Max
Voltage (V)
HYKW-02
Red
2
10
18
10
2.5
20
450
HYKW-03
Orange
3
10
18
12
2.5
20
450
HYKW-04
Yellow
4
10
18
17
2.5
20
450
HYKW-05
Grey
5
10
18
20
2.5
20
450
HYKW-08
Black
8
10
18
30
2.5
20
450



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com