Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DLB22-R11XY Datasheet(PDF) 14 Page - Hylec-APL Ltd. All rights reserved.

Part # DLB22-R11XY
Description  Control Stations & Enclosures
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYLEC [Hylec-APL Ltd. All rights reserved.]
Direct Link  https://www.hylec-apl.com/
Logo HYLEC - Hylec-APL Ltd. All rights reserved.

DLB22-R11XY Datasheet(HTML) 14 Page - Hylec-APL Ltd. All rights reserved.

Back Button DLB22-R11XY Datasheet HTML 10Page - Hylec-APL Ltd. All rights reserved. DLB22-R11XY Datasheet HTML 11Page - Hylec-APL Ltd. All rights reserved. DLB22-R11XY Datasheet HTML 12Page - Hylec-APL Ltd. All rights reserved. DLB22-R11XY Datasheet HTML 13Page - Hylec-APL Ltd. All rights reserved. DLB22-R11XY Datasheet HTML 14Page - Hylec-APL Ltd. All rights reserved. DLB22-R11XY Datasheet HTML 15Page - Hylec-APL Ltd. All rights reserved. DLB22-R11XY Datasheet HTML 16Page - Hylec-APL Ltd. All rights reserved. DLB22-R11XY Datasheet HTML 17Page - Hylec-APL Ltd. All rights reserved. DLB22-R11XY Datasheet HTML 18Page - Hylec-APL Ltd. All rights reserved. Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 35 page
background image
26
MAKING THE RIGHT CONNECTIONS
T: +44 (0)1933 234400 F: +44 (0)1933 234411 E: sales@hylec-apl.com W: www.hylec-apl.com
27
Weatherproof
TeeBox
TH211 Series
TH630 Series
Product Code IP Rating Poles
Colour
Material
Cable
Entries
Insert Type
H
(mm)
W
(mm)
L
(mm)
Max Cable
Diameter (mm)
Max Conductor
Size (mm)
Max
Current (A)
Max
Voltage (V)
Description
THA.211.A1B
54
Black
Nylon 66
3
36
118
137
17
Junction box suitable for use directly with terminal block TH029
or with TH026 / TH027 with support plate 6000194CC
THA.211.A1A
65
Black
Nylon 66
3
36
118
137
17
THA.211.A1A3PTK
68
3
Black
Nylon 66
3
Barrier
36
118
137
17
4
32
450
Junction box supplied complete with 3 pole TH029 connector
for direct mounting inside unit
THA.211.D1B
54
Black
Nylon 66
3
36
118
137
13.5
Junction box suitable for use directly with terminal block TH029
or with TH026 / TH027 with support plate 6000194CC
THA.211.D1A
65
Black
Nylon 66
3
36
118
137
13.5
THH.622.L3A.AG
68
3
Black
Nylon 66
4
28
65
200
1.5
10
400
3 pole power distribution box, 1x input, 3x output (Four cables).
10A max input. Supplied complete with pre-cabled box and 4 connectors
THH.622.C3A.AG
54
3
Black
Nylon 66
4
28
65
200
1.5
10
400
3 pole power distribution box, 1x input, 3x output (Four cables).
10A max input. Supplied complete with pre-cabled box and 4 connectors
THH.630.A3A.AG
54
3
Black
Nylon 66
3
43
99
118
1.5
10
400
Power distribution box, 1x input, 2x output (Three cables).
10A max input. Supplied complete with pre-cabled box and 3 connectors
THH.630.A3A.AG
54
5
Black
Nylon 66
3
43
99
118
1.5
10
400
Power distribution box, 1x input, 2x output (Three cables).
10A max input. Supplied complete with pre-cabled box and 3 connectors
THH.630.A3A.AG
54
6
Black
Nylon 66
3
43
99
118
1.5
10
400
Power distribution box, 1x input, 2x output (Three cables).
10A max input. Supplied complete with pre-cabled box and 3 connectors
THH.630.A3A.AG
65
3
Black
Nylon 66
3
43
99
118
1.5
10
400
Power distribution box, 1x input, 2x output (Three cables).
10A max input. Supplied complete with pre-cabled box and 3 connectors
THH.630.A3A.AG
65
5
Black
Nylon 66
3
43
99
118
1.5
10
400
Power distribution box, 1x input, 2x output (Three cables).
10A max input. Supplied complete with pre-cabled box and 3 connectors
THH.630.A3A.AG
65
6
Black
Nylon 66
3
43
99
118
1.5
10
400
Power distribution box, 1x input, 2x output (Three cables).
10A max input. Supplied complete with pre-cabled box and 3 connectors
TH622 Series
Power Distribution Units



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com