Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

E5DC-RX0AUM-015 Datasheet(PDF) 132 Page - Omron Electronics LLC

Part # E5DC-RX0AUM-015
Description  Digital Temperature Controller
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E5DC-RX0AUM-015 Datasheet(HTML) 132 Page - Omron Electronics LLC

Back Button E5DC-RX0AUM-015 Datasheet HTML 128Page - Omron Electronics LLC E5DC-RX0AUM-015 Datasheet HTML 129Page - Omron Electronics LLC E5DC-RX0AUM-015 Datasheet HTML 130Page - Omron Electronics LLC E5DC-RX0AUM-015 Datasheet HTML 131Page - Omron Electronics LLC E5DC-RX0AUM-015 Datasheet HTML 132Page - Omron Electronics LLC E5DC-RX0AUM-015 Datasheet HTML 133Page - Omron Electronics LLC E5DC-RX0AUM-015 Datasheet HTML 134Page - Omron Electronics LLC E5DC-RX0AUM-015 Datasheet HTML 135Page - Omron Electronics LLC E5DC-RX0AUM-015 Datasheet HTML 136Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 132 / 138 page
background image
E5
@C/E5@C-T
132
Crimp Terminal
For the E5CC/E5EC/E5AC/E5DC/E5GC (Controllers with Screw
Terminal Blocks) or E5
@C-T, use the following types of crimp
terminals for M3 screws.
Although you can connect two crimp terminals with insulation sleeves
to one terminal, you cannot do so if the diameter of the insulation
sleeves is too large.
Select a crimp terminal that can be tightened as shown below.
(Excluding the E5CC-U)
Some terminal blocks have a large crimp part. In this case, bend the
terminal in advance as shown in the figure, and tighten slowly to
ensure that the terminal screw is vertical to the terminal surface of the
terminal block.
For the E5CC-U, use the following types of crimp terminals for M3.5
screws.
• If you use crimp terminals for the E5DC, use crimp terminals with
insulation sleeves. If you use a bare crimp terminal with no
insulation, the terminal may short with the terminal above or below
it. If you use bare crimp terminals, cover the crimped sections with
insulating marking tubes. Secure the marking tubes so that they do
not move.
Recommended Crimp Terminals with Insulation Sleeves for the E5DC
E5GC (Controllers with Screwless Clamp
Terminal Blocks)
1. Connection Method for Screwless Clamp Terminals
The same method is used to connect stranded wires, solid wires, and
ferrules.
Part Names of the Terminal Block
Connection Method
1. Press the pusher with a flat-blade screwdriver.
2. With the screwdriver still pressing the pusher, insert the wire into
the terminal (Insertion) hole.
3. Remove the flat-blade screwdriver from the pusher.
Checking Connections
• After insertion, pull gently on the wire to make sure that it will not
come out (i.e., to confirm that it is held by the terminal block).
2. Removal Method for Screwless Clamp Terminals
The same method is used to remove stranded wires, solid wires, and
ferrules.
1. Press the pusher with a flat-blade screwdriver.
2. With the screwdriver still pressing the pusher, pull the wire out of
the terminal (Insertion) hole.
3. Remove the flat-blade screwdriver from the pusher.
Manufacturer
Model number
J.S.T. Mfg. Co.
V1.25-B3A
V0.5-3A
5.8 mm max.
5.8 mm max.
E5CC, E5EC, E5AC, or E5
@C-T
Note: Be careful in the tightening
direction, as the terminal block
is at an angle.
E5GC or E5DC
7.2 mm max.
7.2 mm max.
NA
OK
Pusher
Terminal (Insertion) hole
(1)
(2)
(3)
(1)
(2)
(3)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com