Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

E5DC-RX0AUM-015 Datasheet(PDF) 135 Page - Omron Electronics LLC

Part # E5DC-RX0AUM-015
Description  Digital Temperature Controller
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E5DC-RX0AUM-015 Datasheet(HTML) 135 Page - Omron Electronics LLC

Back Button E5DC-RX0AUM-015 Datasheet HTML 130Page - Omron Electronics LLC E5DC-RX0AUM-015 Datasheet HTML 131Page - Omron Electronics LLC E5DC-RX0AUM-015 Datasheet HTML 132Page - Omron Electronics LLC E5DC-RX0AUM-015 Datasheet HTML 133Page - Omron Electronics LLC E5DC-RX0AUM-015 Datasheet HTML 134Page - Omron Electronics LLC E5DC-RX0AUM-015 Datasheet HTML 135Page - Omron Electronics LLC E5DC-RX0AUM-015 Datasheet HTML 136Page - Omron Electronics LLC E5DC-RX0AUM-015 Datasheet HTML 137Page - Omron Electronics LLC E5DC-RX0AUM-015 Datasheet HTML 138Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 135 / 138 page
background image
E5
@C/E5@C-T
135
Three-year Guarantee
Period of Guarantee
The guarantee period of the Unit is three years starting from the date
the Unit is shipped from the factory.
Scope of Guarantee
The Unit is guaranteed under the following operating conditions.
1. Average Operating Temperature
(see note):
−10°C to 50°C
2. Mounting Method: Standard mounting
(Mounted to panel or DIN Track.)
Example: Mounted to Panel
Note: Average Operating Temperature
Refer to the process temperature of the Unit mounted to a
control panel and connected to peripheral devices on condition
that the Unit is in stable operation, sensor input type K is
selected for the Unit, the positive and negative thermocouple
input terminals of the Unit are short-circuited, and the ambient
temperature is stable.
Should the Unit malfunction during the guarantee period, OMRON
shall repair the Unit or replace any parts of the Unit at the expense of
OMRON.
Top
Bottom



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com