Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XK21 Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # XK21
Description  Ultra-low Phase Noise Quartz-based PLL Oscillator
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

XK21 Datasheet(HTML) 3 Page - Renesas Technology Corp

  XK21 Datasheet HTML 1Page - Renesas Technology Corp XK21 Datasheet HTML 2Page - Renesas Technology Corp XK21 Datasheet HTML 3Page - Renesas Technology Corp XK21 Datasheet HTML 4Page - Renesas Technology Corp XK21 Datasheet HTML 5Page - Renesas Technology Corp XK21 Datasheet HTML 6Page - Renesas Technology Corp XK21 Datasheet HTML 7Page - Renesas Technology Corp XK21 Datasheet HTML 8Page - Renesas Technology Corp XK21 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 29 page
background image
R31DS0145EU0116 Rev. 1.16
Page 3
Sep 24, 2025
XK Datasheet
1. Pin Information
1.1
Pin Assignments
Figure 2. Pin Assignments – Top View
1.2
Pin Descriptions
Pin Number
Pin Name
Description
1
OE or FS
Output Enable (OE) or Frequency Select (FS) pin.
The function of this pin is determined by the Ordering Information. When OE is selected, the
polarity of the OE is also selectable via ordering option. When FS is selected, the pin is a 3-
state (High, Mid (Float), Low) pin that selects on of the three factory-programmed
frequencies.
Note: The OE function stops the outputs in a differential state, it does not tri-state the outputs
or power down the internal circuitry.
2
FS or OE
Frequency Select (FS) or Output Enable (OE) pin.
The function of this pin is determined by the ordering options. When FS is ordered, the pin is
a 3-state (High, Mid (Float), Low) pin that selects on of the three factory-programmed
frequencies. When OE is selected, the polarity of the OE is also selectable via ordering
option. This pin is always the function not chosen for pin 1.
Note: The OE function stops the outputs in a differential state, it does not tri-state the outputs
or power down the internal circuitry.
3
GND
Connect to ground.
4
OUT0
True clock output.
5
OUT0b
Complementary clock output.
6
VDD
Power supply voltage.
1
2
34
5
6
FS or OE
OE or FS
OUT0
OUT0b
VDD
GND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com