Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XK21 Datasheet(PDF) 10 Page - Renesas Technology Corp

Part # XK21
Description  Ultra-low Phase Noise Quartz-based PLL Oscillator
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

XK21 Datasheet(HTML) 10 Page - Renesas Technology Corp

Back Button XK21 Datasheet HTML 6Page - Renesas Technology Corp XK21 Datasheet HTML 7Page - Renesas Technology Corp XK21 Datasheet HTML 8Page - Renesas Technology Corp XK21 Datasheet HTML 9Page - Renesas Technology Corp XK21 Datasheet HTML 10Page - Renesas Technology Corp XK21 Datasheet HTML 11Page - Renesas Technology Corp XK21 Datasheet HTML 12Page - Renesas Technology Corp XK21 Datasheet HTML 13Page - Renesas Technology Corp XK21 Datasheet HTML 14Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 29 page
background image
R31DS0145EU0116 Rev. 1.16
Page 10
Sep 24, 2025
XK Datasheet
2.4.3
2.5V Specifications
VDD = 2.5V ±5%, 12kHz to 20MHz integration range.
Output Low Voltage [1]
VOL
CML
1.0
1.28
1.6
V
HCSL
0
8
15
mV
LVCMOS, IOL = 2mA
0
0.1
0.2
V
Output common mode voltage
VCMR
HCSL [2]
0.29
0.36
0.45
V
LVDS
1.1
1.2
1.31
TRUE Binary state
VOT (+)
LVDS
218
366
503
mV
FALSE binary state
VOT (-)
-226
-370
-492
Change in VOT between
complementary output states
VOT
-
4.1
79
Change in VCMR between
complementary output states
VCMR
-
22
53
1. All measurements taken at 156.25MHz.
2. For HCSL VCMR is equivalent to VCROSS.
Table 10. 1.8V Current Consumption
Parameter
Symbol
Output Type
Conditions
Typical
Maximum
Unit
Current
Consumption
IDD
CML
FOUT = 156.25MHz
94
101
mA
FOUT = 1250MHz
104
111
HCSL
FOUT = 156.25MHz
109
116
mA
FOUT = 1250MHz
121
127
LVCMOS
FOUT = 156.25MHz
92
101
mA
FOUT = 322.265625MHz
113
120
LVDS
FOUT = 156.25MHz
96
103
mA
FOUT = 1250MHz
111
118
Table 11. Phase Jitter at 2.5V
Parameter
Symbol
Test Frequency
(MHz)
Output Type
Typical
Maximum
Unit
Phase Jitter
jit
100
CML
77
86
fs RMS
HCSL
76
87
LVDS
85
103
Phase Jitter
jit
125
CML
70
86
fs RMS
HCSL
66
87
LVDS
70
103
Table 9. 1.8V DC Characteristics (Cont.)
Parameter
Symbol
Conditions
Minimum
Typical
Maximum
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com