Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XK21 Datasheet(PDF) 19 Page - Renesas Technology Corp

Part # XK21
Description  Ultra-low Phase Noise Quartz-based PLL Oscillator
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

XK21 Datasheet(HTML) 19 Page - Renesas Technology Corp

Back Button XK21 Datasheet HTML 15Page - Renesas Technology Corp XK21 Datasheet HTML 16Page - Renesas Technology Corp XK21 Datasheet HTML 17Page - Renesas Technology Corp XK21 Datasheet HTML 18Page - Renesas Technology Corp XK21 Datasheet HTML 19Page - Renesas Technology Corp XK21 Datasheet HTML 20Page - Renesas Technology Corp XK21 Datasheet HTML 21Page - Renesas Technology Corp XK21 Datasheet HTML 22Page - Renesas Technology Corp XK21 Datasheet HTML 23Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 29 page
background image
R31DS0145EU0116 Rev. 1.16
Page 19
Sep 24, 2025
XK Datasheet
Figure 18. LVDS Output Termination
Table 22. LVDS Output Component Values
Figure 19. HCSL Output Termination
The ProXO II does not use external series resistors to drive HCSL loads. Only the R1 pull down resistors to
ground are required.
Table 23. HCSL Output Component Values
Figure 20. LVCMOS Output Termination
Table 24. LVCMOS Output Component Values
Output Type
VDD
RO (ohms)
ZDIFF(ohms)
R1 (ohms)
LVDS
1.8 ± 5%
NA
100
100
2.5 ± 5%
3.3 ± 5%
Output Type
VDD
RO (ohms)
ZDIFF(ohms)
R1 (ohms)
HCSL
1.8 ± 5%
33
100
50
2.5 ± 5%
3.3 ± 5%
Output Type
VDD
RO (ohms)
Rs (ohms)
ZO(ohms)
LVCMOS
1.8 ± 5%
28
22 = ZO - RO
50
VDD
ZDIFF
RO
RO
VDD
ZDIFF
RO
RO
VDD
RS
RS
RO
RO
ZO
ZO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com