Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XK21 Datasheet(PDF) 9 Page - Renesas Technology Corp

Part # XK21
Description  Ultra-low Phase Noise Quartz-based PLL Oscillator
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

XK21 Datasheet(HTML) 9 Page - Renesas Technology Corp

Back Button XK21 Datasheet HTML 5Page - Renesas Technology Corp XK21 Datasheet HTML 6Page - Renesas Technology Corp XK21 Datasheet HTML 7Page - Renesas Technology Corp XK21 Datasheet HTML 8Page - Renesas Technology Corp XK21 Datasheet HTML 9Page - Renesas Technology Corp XK21 Datasheet HTML 10Page - Renesas Technology Corp XK21 Datasheet HTML 11Page - Renesas Technology Corp XK21 Datasheet HTML 12Page - Renesas Technology Corp XK21 Datasheet HTML 13Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 29 page
background image
R31DS0145EU0116 Rev. 1.16
Page 9
Sep 24, 2025
XK Datasheet
Phase Jitter
jit
322.265625
CML
51
61
fs RMS
HCSL
50
62
LVCMOS
53
64
LVDS
53
64
Phase Jitter
jit
500
CML
65
75
fs RMS
HCSL
64
74
LVDS
65
75
Phase Jitter
jit
625
CML
62
79
fs RMS
HCSL
63
73
LVDS
65
79
Phase Jitter
jit
644.53125
CML
49
58
fs RMS
HCSL
48
59
LVDS
49
59
Phase Jitter
jit
1250
CML
51
59
fs RMS
LVDS
52
60
Table 8. AC Characteristics at 1.8V
Parameter
Symbol
Conditions
Minimum
Typical
Maximum
Unit
Output Rise Time [1]
1. All measurements taken with 20% to 80% thresholds at 156.25MHz
tR
CML
168
195
229
ps
HCSL
148
185
232
LVCMOS
152
177
207
LVDS
113
156
177
Output Fall Time [1]
tF
CML
155
182
229
ps
HCSL
176
220
280
LVCMOS
147
174
207
LVDS
176
230
315
Output Duty Cycle [2]
2. All measurements taken at the crossing points for differential signals and at VDD/2 for LVCMOS outputs if applicable. Applies to all
output configurations.
ODC
FOUT 1000MHz
49
50.5
53
%
FOUT 1000MHz
50
53.2
56
Table 9. 1.8V DC Characteristics
Parameter
Symbol
Conditions
Minimum
Typical
Maximum
Unit
Output High Voltage [1]
VOH
CML
1.79
1.8
1.81
V
HCSL
725
774
825
mV
LVCMOS, IOH = -2mA
1.6
1.66
1.7
V
Table 7. (Cont.)Phase Jitter at 1.8V (Cont.)
Parameter
Symbol
Test Frequency
(MHz)
Output Type
Typical
Maximum
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com