Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XK21 Datasheet(PDF) 13 Page - Renesas Technology Corp

Part # XK21
Description  Ultra-low Phase Noise Quartz-based PLL Oscillator
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

XK21 Datasheet(HTML) 13 Page - Renesas Technology Corp

Back Button XK21 Datasheet HTML 9Page - Renesas Technology Corp XK21 Datasheet HTML 10Page - Renesas Technology Corp XK21 Datasheet HTML 11Page - Renesas Technology Corp XK21 Datasheet HTML 12Page - Renesas Technology Corp XK21 Datasheet HTML 13Page - Renesas Technology Corp XK21 Datasheet HTML 14Page - Renesas Technology Corp XK21 Datasheet HTML 15Page - Renesas Technology Corp XK21 Datasheet HTML 16Page - Renesas Technology Corp XK21 Datasheet HTML 17Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 29 page
background image
R31DS0145EU0116 Rev. 1.16
Page 13
Sep 24, 2025
XK Datasheet
2.4.4
3.3V Specifications
VDD = 3.3V ± 5%, 12kHz to 20MHz integration range.
Table 15. Phase Jitter at 3.3V
Parameter
Symbol
Test Frequency
(MHz)
Output Type
Typical
Maximum
Unit
Phase Jitter
jit
100
CML
78
96
fs RMS
HCSL
75
89
LVPECL
87
105
LVDS
76
90
Phase Jitter
jit
125
CML
72
85
fs RMS
HCSL
68
87
LVPECL
71
90
LVDS
69
86
Phase Jitter
jit
156.25
CML
55
66
fs RMS
HCSL
54
65
LVDS
57
67
LVPECL
54
64
Phase Jitter
jit
161.132813
CML
54
68
fs RMS
HCSL
52
66
LVDS
54
68
LVPECL
52
64
Phase Jitter
jit
250
CML
63
74
fs RMS
HCSL
63
71
LVPECL
66
78
LVDS
62
75
Phase Jitter
jit
312.5
CML
52
62
fs RMS
HCSL
51
61
LVDS
52
62
LVPECL
51
61
Phase Jitter
jit
322.265625
CML
52
69
fs RMS
HCSL
51
66
LVDS
54
67
LVPECL
51
64
Phase Jitter
jit
500
CML
66
78
fs RMS
HCSL
64
74
LVPECL
65
78
LVDS
64
72



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com